Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 26Page - STMicroelectronics LSM303DLH Datasheet HTML 27Page - STMicroelectronics LSM303DLH Datasheet HTML 28Page - STMicroelectronics LSM303DLH Datasheet HTML 29Page - STMicroelectronics LSM303DLH Datasheet HTML 30Page - STMicroelectronics LSM303DLH Datasheet HTML 31Page - STMicroelectronics LSM303DLH Datasheet HTML 32Page - STMicroelectronics LSM303DLH Datasheet HTML 33Page - STMicroelectronics LSM303DLH Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Registers description
LSM303DLH
30/47
Doc ID 16941 Rev 1
9.1.2
CTRL_REG2_A (21h)
The BOOT bit is used to refresh the content of internal registers stored in the Flash memory
block. At device power-up, the content of the Flash memory block is transferred to the
0
1
0
Low-power
0.5
0
1
1
Low-power
1
1
0
0
Low-power
2
1
0
1
Low-power
5
1
1
0
Low-power
10
Table 21.
Normal-mode output data rate configurations and low-pass cut-off
frequencies
DR1
DR0
Output data rate [Hz]
ODR
Low-pass filter cut-off
frequency [Hz]
00
50
37
01
100
74
1
0
400
292
1
1
1000
780
Table 20.
Power mode and low-power output data rate configurations (continued)
PM2
PM1
PM0
Power mode selection
Output data rate [Hz]
ODRLP
Table 22.
CTRL_REG2_A register
BOOT
HPM1
HPM0
FDS
HPen2
HPen1
HPCF1
HPCF0
Table 23.
CTRL_REG2_A description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
HPM1, HPM0
High-pass filter mode selection. Default value: 00
(00: normal mode; Others: refer to
Table 24)
FDS
Filtered data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register)
HPen2
High-pass filter enabled for interrupt 2 source. Default value: 0
(0: filter bypassed; 1: filter enabled)
HPen1
High-pass filter enabled for interrupt 1 source. Default value: 0
(0: filter bypassed; 1: filter enabled)
HPCF1,
HPCF0
High-pass filter cut-off frequency configuration. Default value: 00
(00: HPc=8; 01: HPc=16; 10: HPc=32; 11: HPc=64)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com