Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 35Page - STMicroelectronics LSM303DLH Datasheet HTML 36Page - STMicroelectronics LSM303DLH Datasheet HTML 37Page - STMicroelectronics LSM303DLH Datasheet HTML 38Page - STMicroelectronics LSM303DLH Datasheet HTML 39Page - STMicroelectronics LSM303DLH Datasheet HTML 40Page - STMicroelectronics LSM303DLH Datasheet HTML 41Page - STMicroelectronics LSM303DLH Datasheet HTML 42Page - STMicroelectronics LSM303DLH Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
LSM303DLH
Registers description
Doc ID 16941 Rev 1
39/47
The D6 - D0 bits set the minimum duration of the Interrupt 2 event to be recognized.
Duration time steps and maximum values depend on the ODR chosen.
9.2
Magnetic field sensing register description
The magnetometer core contains a set of registers which are used to control its behavior
and to retrieve magnetic field data. The register’s address, composed of 8 bits, is used to
identify them and to read/write the data through the serial interface.
For magnetic field sensing interface, the default (factory) 7-bit slave address is 00111100b
(0x3C) for write operations, or 00111101b (0x3D) for read operations.
9.2.1
CRA_REG_M (00h)
The configuration register A is used to configure the device for setting the data output rate
and measurement configuration. CRA0 through CRA7 indicate bit locations, with
CRA
denoting the bits that are in the configuration register. CRA7 denotes the first bit of the data
stream. The number in parentheses indicates the default value of that bit.
Table 56.
CRA_REG_M register
0
0
0
DO2
DO1DO0
MS1MS0
Table 57.
CRA_REG_M description
CRA7 to CRA5
These bits must be cleared for correct operation.
DO2 to DO0
Data output rate bits. These bits set the rate at which data is written to all three data
output registers
MS1 to MS0
Measurement configuration bits. These bits define the measurement flow of the
device, specifically whether or not to incorporate an applied bias to the sensor into
the measurement
Table 58.
CRA_REG M description
DO2
DO1
DO0
Minimum data output rate (Hz)
00
0
0.75
00
1
1.5
01
0
3.0
01
1
7.5
10
0
15
10
1
30
11
0
75
1
1
1
Not used
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com