Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 31 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 27Page - STMicroelectronics LSM303DLH Datasheet HTML 28Page - STMicroelectronics LSM303DLH Datasheet HTML 29Page - STMicroelectronics LSM303DLH Datasheet HTML 30Page - STMicroelectronics LSM303DLH Datasheet HTML 31Page - STMicroelectronics LSM303DLH Datasheet HTML 32Page - STMicroelectronics LSM303DLH Datasheet HTML 33Page - STMicroelectronics LSM303DLH Datasheet HTML 34Page - STMicroelectronics LSM303DLH Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
LSM303DLH
Registers description
Doc ID 16941 Rev 1
31/47
internal registers related to trimming functions to permit good device behavior. If, for any
reason, the content of the trimming registers was changed, it is sufficient to use this bit to
restore the correct values. When the BOOT bit is set to ‘1’ the content of internal Flash is
copied to the corresponding internal registers and is used to calibrate the device. These
values are factory-trimmed and are different for every accelerometer. They permit good
device behavior and normally do not have to be modified. At the end of the boot process, the
BOOT bit is again set to ‘0’.
HPCF[1:0]. These bits are used to configure the high-pass filter cut-off frequency ft,which is
given by:
The equation can be simplified to the following approximated equation:
9.1.3
CTRL_REG3_A (22h)
Table 24.
High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset reading HP_RESET_FILTER)
0
1
Reference signal for filtering
1
0
Normal mode (reset reading HP_RESET_FILTER)
Table 25.
High-pass filter cut-off frequency configuration
HPcoeff2,1
ft [Hz]
Data rate = 50 Hz
ft [Hz]
Data rate = 100 Hz
ft [Hz]
Data rate = 400 Hz
ft [Hz]
Data rate = 1000 Hz
00
1
2
8
20
01
0.5
1
4
10
10
0.25
0.5
2
5
11
0.125
0.25
1
2.5
f
t
1
1
HPc
------------
⎝⎠
⎛⎞
f
s
2
π
------
ln
=
f
t
f
s
6HPc
----------------------
=
Table 26.
CTRL_REG3_A register
IHL
PP_OD
LIR2
I2_CFG1
I2_CFG0
LIR1
I1_CFG1
I1_CFG0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com