Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 15 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 11Page - STMicroelectronics LSM303DLH Datasheet HTML 12Page - STMicroelectronics LSM303DLH Datasheet HTML 13Page - STMicroelectronics LSM303DLH Datasheet HTML 14Page - STMicroelectronics LSM303DLH Datasheet HTML 15Page - STMicroelectronics LSM303DLH Datasheet HTML 16Page - STMicroelectronics LSM303DLH Datasheet HTML 17Page - STMicroelectronics LSM303DLH Datasheet HTML 18Page - STMicroelectronics LSM303DLH Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
LSM303DLH
Module specifications
Doc ID 16941 Rev 1
15/47
2.3.2
Magnetic field sensing I2C digital interface
This magnetic sensor IC has a 7-bit serial address and supports I2C protocols with standard
and fast modes (100 kHz and 400 kHz, respectively), but does not support high-speed
mode (Hs).
External pull-up resistors are required to support the standard and fast modes. Depending
on the application, the internal pull-ups may be used to support slower data speeds than
specified by I2C standards.
This device does not contain 50 ns spike suppression, as required by fast mode operation in
the I2C bus specification.
Activities required by the master (register read and write) have priority over internal
activities, such as measurement. The purpose of this priority is to prevent the master waiting
and the I2C bus being engaged for longer than necessary.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com