Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 17 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 13Page - STMicroelectronics LSM303DLH Datasheet HTML 14Page - STMicroelectronics LSM303DLH Datasheet HTML 15Page - STMicroelectronics LSM303DLH Datasheet HTML 16Page - STMicroelectronics LSM303DLH Datasheet HTML 17Page - STMicroelectronics LSM303DLH Datasheet HTML 18Page - STMicroelectronics LSM303DLH Datasheet HTML 19Page - STMicroelectronics LSM303DLH Datasheet HTML 20Page - STMicroelectronics LSM303DLH Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
LSM303DLH
Terminology
Doc ID 16941 Rev 1
17/47
4
Terminology
4.1
Linear acceleration sensitivity
Linear acceleration sensitivity describes the gain of the accelerometer sensor and can be
determined e.g. by applying 1
g acceleration to it. Because the sensor can measure DC
accelerations, this can be done easily by pointing the selected axis towards the ground,
noting the output value, rotating the sensor 180 degrees (pointing towards the sky) and
noting the output value again. By doing so, a ±1 g acceleration is applied to the sensor.
Subtracting the larger output value from the smaller one, and dividing the result by 2, leads
to the actual sensitivity of the sensor. This value changes very little over temperature and
over time. The sensitivity tolerance describes the range of sensitivities of a large number of
sensors.
4.2
Zero-
g level
Zero-
g level Offset (LA_TyOff) describes the deviation of an actual output signal from the
ideal output signal if no linear acceleration is present. A sensor in a steady state on a
horizontal surface will measure 0 g on both the X and Y axes, whereas the Z axis will
measure 1
g. Ideally, the output is in the middle of the dynamic range of the sensor (content
of OUT registers 00h, data expressed as 2’s complement number). A deviation from the
ideal value in this case is called Zero-
g offset. Offset is to some extent a result of stress to
the MEMS sensor and therefore the offset can slightly change after mounting the sensor
onto a printed circuit board or exposing it to extensive mechanical stress. Offset changes
little over temperature; see “Linear acceleration zero-
g level change vs temperature”
(LA_TCOff) in
Table 3. The Zero-g level tolerance (TyOff) describes the standard deviation
of the range of Zero-
g levels of a group of sensors.
4.3
Sleep-to-wakeup
The “sleep-to-wakeup” function, in conjunction with low-power mode, allows further
reduction of system power consumption and the development of new smart applications.
The LSM303DLH may be set to a low-power operating mode, characterized by lower date
rate refreshing. In this way the device, even if sleeping, continues sensing acceleration and
generating interrupt requests.
When the sleep-to-wakeup function is activated, the LSM303DLH is able to automatically
wake up as soon as the interrupt event has been detected, increasing the output data rate
and bandwidth. With this feature the system may be efficiently switched from low-power
mode to full-performance depending on user-selectable positioning and acceleration events,
thus ensuring power-saving and flexibility.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com