Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 26 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 22Page - STMicroelectronics LSM303DLH Datasheet HTML 23Page - STMicroelectronics LSM303DLH Datasheet HTML 24Page - STMicroelectronics LSM303DLH Datasheet HTML 25Page - STMicroelectronics LSM303DLH Datasheet HTML 26Page - STMicroelectronics LSM303DLH Datasheet HTML 27Page - STMicroelectronics LSM303DLH Datasheet HTML 28Page - STMicroelectronics LSM303DLH Datasheet HTML 29Page - STMicroelectronics LSM303DLH Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Digital interfaces
LSM303DLH
26/47
Doc ID 16941 Rev 1
The SCL_M and SDA_M lines in this bus specification can be connected to a host of
devices. The bus can be a single master to multiple slaves, or it can be a multiple master
configuration. All data transfers are initiated by the master device which is responsible for
generating the clock signal, and the data transfers are 8 bits long. All devices are addressed
by the unique 7-bit address of the I2C. After each 8-bit transfer, the master device generates
a 9th clock pulse, and releases the SDA_M line.
The receiving device (addressed slave) pulls the SDA_M line low to acknowledge (ACK) the
successful transfer, or leaves the SDA_M high to negative acknowledge (NACK). As per the
I2C specification, all transitions in the SDA_M line must occur when SCL_M is low. This
requirement leads to two unique conditions on the bus associated with the SDA_M
transitions when SCL_M is high. The master device pulling the SDA line low while the
SCL_M line is high indicates the Start (S) condition, while the Stop (P) condition is indicated
by the SDA_M line pulled high while the SCL_M line is high. The I2C protocol also allows for
the Restart condition, in which the master device issues a second start condition without
issuing a stop.
All bus transactions begin with the master device issuing the start sequence followed by the
slave address byte. The address byte contains the slave address; the upper 7 bits (bits7-1),
and the least significant bit (LSb). The LSb of the address byte designates if the operation is
a read (LSb=1) or a write (LSb=0). At the 9th clock pulse, the receiving slave device issues
the ACK (or NACK). Following these bus events, the master sends data bytes for a write
operation, or the slave clocks out data with a read operation. All bus transactions are
terminated with the master issuing a stop sequence.
I2C bus control can be implemented with either hardware logic or in software. Typical
hardware designs release the SDA_M and SCL_M lines as appropriate to allow the slave
device to manipulate these lines. In a software implementation, care must be taken to
perform these tasks in code.
Magnetic signal interface reading/writing
The interface uses an address pointer to indicate which register location is to be read from
or written to. These pointer locations are sent from the master to this slave device and
succeed the 7-bit address plus 1 bit read/write identifier.
To minimize the communication between the master and magnetic digital interface of the
LSM303DLH, the address pointer is updated automatically without master intervention.
This automatic address pointer update has two additional features. First, when address 12
or higher is accessed the pointer updates to address 00, and secondly when address 09 is
reached, the pointer rolls back to address 03. Logically, the address pointer operation
functions as shown below.
if address pointer = 09, then address pointer = 03
while if address pointer >12, then address pointer = 0
while address pointer = address pointer + 1
the address pointer value itself cannot be read via the I2C bus.
Any attempt to read an invalid address location returns 0’s, and any write to an invalid
address location or an undefined bit within a valid address location is ignored by this device.
Table 16.
SAD+Read/Write patterns
Command
SAD[6:0]
R/W
SAD+R/W
Read
0011110
1
00111101 (3Dh)
Write
0011110
0
00111100 (3Ch)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com