Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385A Datasheet(PDF) 72 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 68Page - STMicroelectronics STLUX385A Datasheet HTML 69Page - STMicroelectronics STLUX385A Datasheet HTML 70Page - STMicroelectronics STLUX385A Datasheet HTML 71Page - STMicroelectronics STLUX385A Datasheet HTML 72Page - STMicroelectronics STLUX385A Datasheet HTML 73Page - STMicroelectronics STLUX385A Datasheet HTML 74Page - STMicroelectronics STLUX385A Datasheet HTML 75Page - STMicroelectronics STLUX385A Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 99 page
background image
Electrical characteristics
STLUX385A
72/98
DocID024387 Rev 2
10.3.1
VOUT external capacitor
The stabilization of the main regulator is achieved by connecting an external capacitor
CVOUT
(a)
to the VOUT pin. CVOUT is specified in the operating condition section. Care
should be taken to limit the series inductance to less than 15 nH.
Figure 12. External capacitor CVOUT
10.3.2
Supply current characteristics
The STLUX385A supply current is calculated by summing the supply base current in the
desired operating mode as per
Table 37, with the peripheral supply current value reported in
Table 39 and Table 40.
For example, considering an application where:
•
f
MASTER
= f
CPU
= 16 MHz provided by HSI internal RC oscillator
•
CPU code execution in Flash
•
All base peripheral actives: I
2
C, UART, DALI, ITC, GPIO0, SysTimr, WWDG and IWDG
•
ADC conversion frequency f
ADC
= 5.3 MHz
•
ACU (comparator and DAC units) actives
•
6 PWM toggling @ f
PWM
= 0.5 MHz provided by 6 SMEDs running @ f
SMED
= 12 MHz
(N
PWM
= 6)
V
IT
+
Power-on reset threshold
2.65
2.8
2.98
V
V
IT
-
Brown-out reset threshold
2.58
2.73
2.88
V
HYS(BOR)
Brown-out reset hysteresis
70
mV
1.
Guaranteed by design, not tested in production.
2.
Power supply ramp must be monotone
Table 36. Operating conditions at power-up/power-down (continued)
Symbol
Parameter
Conditions
Min.(1)
Typ.
Max.(1)
Unit
a.
ESR is the equivalent series resistance and ESL is the equivalent inductance.
GIPD100520131002FSR
ESR
C
RLEAK
ESL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com