Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385A Datasheet(PDF) 87 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 83Page - STMicroelectronics STLUX385A Datasheet HTML 84Page - STMicroelectronics STLUX385A Datasheet HTML 85Page - STMicroelectronics STLUX385A Datasheet HTML 86Page - STMicroelectronics STLUX385A Datasheet HTML 87Page - STMicroelectronics STLUX385A Datasheet HTML 88Page - STMicroelectronics STLUX385A Datasheet HTML 89Page - STMicroelectronics STLUX385A Datasheet HTML 90Page - STMicroelectronics STLUX385A Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 99 page
background image
DocID024387 Rev 2
87/98
STLUX385A
Electrical characteristics
10.3.10
10-bit Sar ADC characteristics
Subject to general operating conditions for V
DDA
, f
MASTER
, and T
A
unless otherwise
specified.
2.
Data based on standard I
2
C protocol requirement, not tested in production.
3.
The maximum hold time of the start condition has only to be met if the interface does not stretch the low time.
4.
I
2
C multifunction signals require the high sink pad configuration and the interconnection of 1 K
Ω pull-up resistances.
5.
50 pF is the maximum load capacitance value to meet the I
2
C std timing specifications.
Table 52. ADC characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
N
Resolution
10
bit
R
ADCIN
ADC input impedance
1
M
Ω
f
ADC
ADC Clock frequency
1
6
(1)
1.
Frequency generated selecting the PLL source clock.
MHz
V
IN1
Conversion voltage
range for gain x1
01.25
(2)(3)
2.
Maximum input analog voltage cannot exceed V
DDA
.
3.
Exceeding the maximum voltage on the ADCIN[7:0] signals for the related conversion scale must be
avoided since the ADC conversion accuracy can be impacted.
V
IN2
Conversion voltage
range for gain x4
0
0.3125
(2)(3)
V
ref
ADC main reference
voltage
(4)
4.
Exceeding the maximum voltage on the ADCIN[7:0] signals for the related conversion scale must be
avoided since the ADC conversion accuracy can be impacted.
1.250
V
t
S
Sampling time
f
ADC
= 6 MHz
0.50
μs
t
STAB
Wakeup time from ADC
standby
30
t
CONV1
Single conversion time
including sampling time
f
ADC
= 6 MHz
2.42
t
CONV2
Continuous conversion
time including sampling
time
f
ADC
= 6 MHz
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com