Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385A Datasheet(PDF) 85 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 81Page - STMicroelectronics STLUX385A Datasheet HTML 82Page - STMicroelectronics STLUX385A Datasheet HTML 83Page - STMicroelectronics STLUX385A Datasheet HTML 84Page - STMicroelectronics STLUX385A Datasheet HTML 85Page - STMicroelectronics STLUX385A Datasheet HTML 86Page - STMicroelectronics STLUX385A Datasheet HTML 87Page - STMicroelectronics STLUX385A Datasheet HTML 88Page - STMicroelectronics STLUX385A Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 99 page
background image
DocID024387 Rev 2
85/98
STLUX385A
Electrical characteristics
10.3.7
Typical output curves
The following figures show the typical output level curves measured with output on a single
pin.
I
LKg
Input leakage current digital - analog V
SS ≤
V
IN ≥
V
DD
(5)
± 1
μA
I_
Inj
Injection current
(6)(7)
± 4
mA
ΣI_
Inj
Total injection current (sum of all I/O and control pins)
(6)
± 20
1.
Parameter applicable to signals: GPIO0[5:0] (high sink selectable by high speed config.).
2.
Parameter applicable to signals: GPIO1[5:0]/PWM[5:0].
3.
Parameter applicable to signal: SWIM.
4.
Parameter applicable to signal: DIGIN[0]/CCO_clk
5.
Applicable to any digital inputs.
6.
Maximum value must never be exceeded.
7.
Negative injection current on the ADCIN[7:0] signals have to avoid since impact the ADC conversion
accuracy.
Table 49. Operating frequency characteristics
Symbol
Description
Min.
Typ.
Max.
Unit
f
IL1
Digital input signal operating frequency
(1)(2)(3)
1.
Parameter applicable to signals: GPIO0[5:0] (high sink selectable by high speed config.).
2.
Parameter applicable to signal: SWIM.
3.
Parameter applicable to signals: DIGIN[5:1].
12
MHz
f
IH1
Analog input signal operating frequency
(4)(5)
4.
Parameter applicable to signals: GPIO0[3:2] when configured as HSE_Oscin/Oscout
5.
Parameter applicable to any analog signals: ADCIN[7:0], CPP[3:0] and CPM3.
24
f
IH2
High speed input signal operating frequency
(6)(7)
6.
Parameter applicable to signals: GPIO1[5:0]/PWM[5:0].
7.
Parameter applicable to signal: DIGIN[0]/CCO_clk.
128
f
OL1
Standard output signal operating frequency with 50 pF
max. load
(1)
2
f
OL2
High sink output signal operating frequency with
50 pF max. load
(1)(2)
10
f
OH1
High speed output signal operating frequency with
50 pF max. load
(6)
12
f
OH2
High speed output signal operating frequency with
50 pF max. load
(7)
32
Table 48. Current DC characteristics
Symbol
Description
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com