Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385A Datasheet(PDF) 75 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 71Page - STMicroelectronics STLUX385A Datasheet HTML 72Page - STMicroelectronics STLUX385A Datasheet HTML 73Page - STMicroelectronics STLUX385A Datasheet HTML 74Page - STMicroelectronics STLUX385A Datasheet HTML 75Page - STMicroelectronics STLUX385A Datasheet HTML 76Page - STMicroelectronics STLUX385A Datasheet HTML 77Page - STMicroelectronics STLUX385A Datasheet HTML 78Page - STMicroelectronics STLUX385A Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 99 page
background image
DocID024387 Rev 2
75/98
STLUX385A
Electrical characteristics
Note:
All the input analog signals are connected to GND; signals of port P0, P1 and P2 are
configured as input with pull-up enabled.
IC peripheral current consumption (3.3 V)
The following table summarizes the peripheral current consumption measured on V
DD
/V
DDA
supply pins.
1.
Active-halt op. mode: all peripherals except AWU and IWDG are disabled (clock gated).
2.
HALT op. mode: all peripherals are disabled (clock gated).
3.
f
MASTER
clock source.
4.
HSE frequency provided by external quartz.
5.
V
CORE
Main DC voltage regulator.
6.
E
2
PROM is considered always enabled.
7.
AWU clocked by HSE source clock.
8.
Temperature operating: T
A
= 25 °C.
9.
Temperature operating: T
A
= 105 °C.
10. All the analog input signals are connected to GND; the signals of port P0, P1 and P2 are configured as input with pull-up
enabled.
11.
Data based on characterization results not tested in production.
Table 39. Peripheral supply current consumption at VDD/VDDA = 3.3 V
Symbol
Clock
Peripherals
Consumption(9)
Op.mode
f
SMED
(1)
f
PWM
(2)
f
ADC
(3)
ADC
(7)
PWM
(4),(5)
ACU
(6)
Typ
(8)
Max
(8)
Enb/Dis
MHz
MHz
MHz
Enb/Dis
Num
Enb/Di
s
mA
mA
I
DD(PLL)
Enab
0
0
0
Disab
0
Disab
2.26
2.7
I
DD(ACU)
Disab
0
0
0
Disab
0
Enab
1.89
2.27
I
DD(PWM1PLL96)
Enab
96
0.5
0
Disab
1
Disab
1.75
2.1
I
DD(PWM6PLL96)
6
10.12
12.2
I
DD(PWM1PLL48)
Enab
48
0.5
0
Disab
1
Disab
1.12
1.33
I
DD(PWM6PLL48)
6
6.54
7.85
I
DD(PWM1PLL24)
Enab
24
0.5
0
Disab
1
Disab
0.71
0.86
I
DD(PWM6PLL24)
6
4.39
5.27
I
DD(PWM1PLL12)
Enab
12
0.5
0
Disab
1
Disab
0.54
0.65
I
DD(PWM6PLL12)
63.33
4
I
DD(PWM1PLL6)
Enab
6
0.5
0
Disab
1
Disab
0.44
0.53
I
DD(PWM6PLL6)
62.81
3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com