Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385A Datasheet(PDF) 36 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 32Page - STMicroelectronics STLUX385A Datasheet HTML 33Page - STMicroelectronics STLUX385A Datasheet HTML 34Page - STMicroelectronics STLUX385A Datasheet HTML 35Page - STMicroelectronics STLUX385A Datasheet HTML 36Page - STMicroelectronics STLUX385A Datasheet HTML 37Page - STMicroelectronics STLUX385A Datasheet HTML 38Page - STMicroelectronics STLUX385A Datasheet HTML 39Page - STMicroelectronics STLUX385A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 99 page
background image
I/O multifunction signal configuration
STLUX385A
36/98
DocID024387 Rev 2
MSC_IOMXP2 (Port P2 I/O mux control register)
Port1 I/O multifunction signal configurations register (for functionality description refers to
Section 5.4).
Bit 3-0:
RFU reserved; must be kept 0 during register writing for future compatibility
Bit 4:
Sel_p254 Port2[5:4] I/O multiplexing scheme:
0: Port2[5:4] are interconnected to I
2
C_scl and I
2
C_sda signals
1: Port2[5:4] are interconnected to DIGIN[5:4] signals
Bit 7-5:
RFU reserved; in order to guarantee future compatibility, the bits are kept or set to 0
during register write operations
MSC_INPP2AUX1 (INPP aux register)
Bit 5-0:
INPP2_PULCTR[5:0] This register configures respectively the INPP2[5:0] pull-up
functionality as follows:
0: Enable pad pull-up features (enabled by default for compatibility with the
STLUX385)
1: Disable pad pull-up
Bit 7-6:
RFU reserved; in order to guarantee future compatibility, the bits are kept or set to 0
during register write operations.
Note:
MSC_IOMXP2 and MSC_INPP2AUX1 are addressable in indirect mode.
Offset: 0x13 (indirect area)
Default value: 0xFF
7
6543
210
RFU
Sel_p254
RFU
r
r/w
r
Offset: 0x08
Default value: 0x00
7
6543
210
RFU
INPP2_PULCTR [5:0]
rr/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com