Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385A Datasheet(PDF) 84 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 80Page - STMicroelectronics STLUX385A Datasheet HTML 81Page - STMicroelectronics STLUX385A Datasheet HTML 82Page - STMicroelectronics STLUX385A Datasheet HTML 83Page - STMicroelectronics STLUX385A Datasheet HTML 84Page - STMicroelectronics STLUX385A Datasheet HTML 85Page - STMicroelectronics STLUX385A Datasheet HTML 86Page - STMicroelectronics STLUX385A Datasheet HTML 87Page - STMicroelectronics STLUX385A Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 99 page
background image
Electrical characteristics
STLUX385A
84/98
DocID024387 Rev 2
Table 47. Voltage DC characteristics
Symbol
Description
Min.
Typ.
Max.
Unit
V
IL
Input low voltage
-0.3
0.3 * V
DD
V
V
IH
Input high voltage
(1)
1.
All signals are not 5 V tolerant (input signals can't be exceeded V
DDX
(V
DDX
= V
DD
, V
DDA
)).
0.7 * V
DD
V
DD
V
OL1
Output low voltage @ 3.3 V
(2)(3)
2.
Parameter applicable to signals: GPIO0[5:0] (high sink selectable by high speed config.).
3.
Parameter applicable to signals: GPIO1[5:0]/PWM[5:0].
0.4
(13)
V
OL2
Output low voltage @ 5 V
(2)(3)
0.5
V
OL3
Output low voltage high sink @ 3.3 V / 5 V
(1)(4)(5)
4.
Parameter applicable to signal: SWIM.
5.
Parameter applicable to signal: DIGIN[0]/CCO_clk
0.6
(13)
V
OH1
Output high voltage @ 3.3 V
(2)(3)
V
DD
-
0.4
(13)
V
OH2
Output high voltage @ 5 V
(2)(3)
V
DD
-0.5
V
OH3
Output high voltage high sink @ 3.3 V / 5 V
(1)(4)(5)
V
DD
-
0.6
(13
)
H
VS
Hysteresis input voltage
(6)
6.
Applicable to any digital inputs.
0.1 * V
DD
R
PU
Pull-up resistor
30
45
60
k
Ω
Table 48. Current DC characteristics
Symbol
Description
Min.
Typ.
Max.
Unit
I
OL1
Standard output low level current @ 3.3 V and V
OL1
(1)(2)
1.5
mA
I
OL2
Standard output low level current @ 5 V and V
OL2
(1)(2)
3
I
OLhs1
High sink output low level current @ 3.3 V and V
OL3
(1)(3)(4)
5
I
OLhs2
High sink output low level current @ 5 V and V
OL3
(1)(3)(4)
7.75
I
OH1
Standard output high level current @ 3.3 V and V
OH1
(1)(2)
1.5
I
OH2
Standard output high level current @ 5 V and V
OLH2
(1)(2)
3
I
OHhs1
High sink output high level current @ 3.3 V and V
OH3
((1)(3)(4)
5
I
OHhs2
High sink output high level current @ 5 V and V
OH3
(1)(3)(4)
7.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com