Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385A Datasheet(PDF) 86 Page - STMicroelectronics

Part # STLUX385A
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385A Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STLUX385A Datasheet HTML 82Page - STMicroelectronics STLUX385A Datasheet HTML 83Page - STMicroelectronics STLUX385A Datasheet HTML 84Page - STMicroelectronics STLUX385A Datasheet HTML 85Page - STMicroelectronics STLUX385A Datasheet HTML 86Page - STMicroelectronics STLUX385A Datasheet HTML 87Page - STMicroelectronics STLUX385A Datasheet HTML 88Page - STMicroelectronics STLUX385A Datasheet HTML 89Page - STMicroelectronics STLUX385A Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 99 page
background image
Electrical characteristics
STLUX385A
86/98
DocID024387 Rev 2
10.3.8
Reset pin characteristics
Subject to general operating conditions for V
DD
and T
A
unless otherwise specified.
10.3.9
I2C interface characteristics
Table 50. NRST pin characteristics
Symbol
Parameter
Conditions
Min.(1)
1.
Data based on characterization results, not tested in production.
Typ.
Max.(1)
Unit
V
IL(NRST)
NRST input low level voltage
(1)
-0.3
0.3 x V
DD
V
V
IH(NRST)
NRST input high level voltage
(1)
0.7 x
V
DD
V
DD
+ 0.3
V
OL(NRST)
NRST output low level voltage
(1)
I
OL
= 2 mA
0.5
R
PU(NRST)
NRST pull-up resistor
(2)
2.
The RPU pull-up equivalent resistor is based on a resistive transistor.
30
40
60
k
Ω
t
IFP(NRST)
NRST input filtered pulse
(3)
3.
Data guaranteed by design, not tested in production.
75
ns
t
INFP(NRST)
NRST not input filtered pulse
(3)
500
t
OP(NRST)
NRST output filtered pulse
(3)
15
μs
Table 51. I2C interface characteristics
Symbol
Parameter
Standard mode
Fast mode(1)
Unit
Min.(2)
Max.(2)
Min.(2)
Max.(2)
t
w(SCLL)
SCL clock low time
4.7
1.3
μs
t
w(SCLH)
SCL clock high time
4.0
0.6
t
su(SDA)
SDA setup time
250
100
ns
t
h(SDA)
SDA data hold time
0
(3)
0
(3)
900
(3)
t
r(SDA)
t
r(SCL)
SDA and SCL rise time
(V
DD
= 3.3 to 5 V)
(4)
1000
300
t
f(SDA)
t
f(SCL)
SDA and SCL fall time
(V
DD
= 3.3 to 5 V)
(4)
300
300
t
h(STA)
START condition hold time
4.0
0.6
μs
t
su(STA)
Repeated START condition setup
time
4.7
0.6
t
su(STO)
STOP condition setup time
4.0
0.6
μs
t
w(STO:STA)
STOP to START condition time
(bus free)
4.7
1.3
μs
C
b
Capacitive load for each bus line
(5)
50
50
pF
1.
f
MASTER
, must be at least 8 MHz to achieve maximum fast I
2
C speed (400 kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com