Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 55 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 51Page - STMicroelectronics STLUX385ATR Datasheet HTML 52Page - STMicroelectronics STLUX385ATR Datasheet HTML 53Page - STMicroelectronics STLUX385ATR Datasheet HTML 54Page - STMicroelectronics STLUX385ATR Datasheet HTML 55Page - STMicroelectronics STLUX385ATR Datasheet HTML 56Page - STMicroelectronics STLUX385ATR Datasheet HTML 57Page - STMicroelectronics STLUX385ATR Datasheet HTML 58Page - STMicroelectronics STLUX385ATR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 99 page
background image
Note:
The default setting values refer to the factory configuration.The factory configuration can be overwritten by the user in accordance
with the target application requirements.
This area of memory may be erased by the global Flash erase instruction generated by an unauthorized attempt to modify the ROP
protection.
4810h
nAFR_IOMX
P0
-
-
nSel_p054[1:0]
nSel_p032[1:0]
nSel_p010[1:0]
FFh
4811h
AFR_IOMXP
1
AUXTIM
-
Sel_p15
Sel_p14
Sel_p13
Sel_p12
Sel_p11
Sel_p10
00h
4812h
nAFR_IOMX
P1
nAUXTIM
-
nSel_p15
nSel_p14
nSel_p13
nSel_p12
nSel_p11
nSel_p10
FFh
4813h
AFR_IOMXP
2
---
Sel_p254
----
00h
4814h
nAFR_IOMX
P2
---
nSel_p254
----
FFh
4815h
MSC_OPT0
-
-
UARTLine(1:0)
-
BOTSEL[2:0]
00h
4816h
nMSC_OPT0
-
-
nUARTLine(1:0)
-
nBOTSEL[2:0]
FFh
487Dh
Reserved
---
-----
00h
487Eh
OPTBL
BL(7:0)
00h
487Fh
nOPTBL
nBL(7:0)
FFh
Table 29. Option byte register overview (continued)
Address
Option name
Option bits
Default
settings
765432
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com