Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 77 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 73Page - STMicroelectronics STLUX385ATR Datasheet HTML 74Page - STMicroelectronics STLUX385ATR Datasheet HTML 75Page - STMicroelectronics STLUX385ATR Datasheet HTML 76Page - STMicroelectronics STLUX385ATR Datasheet HTML 77Page - STMicroelectronics STLUX385ATR Datasheet HTML 78Page - STMicroelectronics STLUX385ATR Datasheet HTML 79Page - STMicroelectronics STLUX385ATR Datasheet HTML 80Page - STMicroelectronics STLUX385ATR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 99 page
background image
DocID024387 Rev 2
77/98
STLUX385A
Electrical characteristics
PWM current consumption overview
The figures that follow provide an outline view of PWM current consumption results.The
consumptions are evaluated considering the maximum current at T
A
= 25 °C with different
SMED operating frequencies. The charts summarize the measurements carried out from
I
DD(PWM1PLL96)
Enab
96
0.5
0
Disab
1
Disab
1.81
2.17
I
DD(PWM6PLL96)
6
10.49
12.59
I
DD(PWM1PLL48)
Enab
48
0.5
0
Disab
1
Disab
1.18
1.42
I
DD(PWM6PLL48)
6
6.88
8.26
I
DD(PWM1PLL24)
Enab
24
0.5
0
Disab
1
Disab
0.79
0.95
I
DD(PWM6PLL24)
6
4.73
5.68
I
DD(PWM1PLL12)
Enab
12
0.5
0
Disab
1
Disab
0.58
0.7
I
DD(PWM6PLL12)
6
3.66
4.4
I
DD(PWM1PLL6)
Enab
6
0.5
0
Disab
1
Disab
0.49
0.6
I
DD(PWM6PLL6)
6
3.11
3.75
I
DD(PWM1HSI16)
Enab
16
0.5
0
Disab
1
Disab
0.56
0.67
I
DD(PWM6HSI16)
6
3.13
3.78
I
DD(PWM1HSI8)
Enab
8
0.5
0
Disab
1
Disab
0.49
0.58
I
DD(PWM6HSI8)
6
2.56
3.1
I
DD(PWM1HSI4)
Enab
4
0.5
0
Disab
1
Disab
0.39
0.47
I
DD(PWM6HSI4)
6
2.33
2.78
I
DD(PWM1HSI2)
Enab
2
0.5
0
Disab
1
Disab
0.47
0.54
I
DD(PWM6HSI2)
62.1
2.49
I
DD(ADC1)
Disab
0
0
1
Enab
0
Disab
2.11
2.54
I
DD(ADC2)
Disab
0
0
5.3
Enab
0
Disab
2.16
2.6
I
DD(ADC3)
Enab
0
0
6
Enab
0
Disab
2.17
2.61
1.
SMED frequency:
-
96 MHz and 6 MHz frequencies require the PLL enabled.
-
Current table shows only a subset value of possible SMED frequencies.
2.
PWM frequency:
-
PWM toggle frequency is considered fixed to 500 kHz, close to the maximum applicative value.
3.
ADC frequency:
-
6 MHz frequency requires the PLL enabled.
-
Current table shows only a subset value of possible ADC frequencies.
4.
Number of active PWMs.
5.
PWM pins are loaded with a CL (load capacitance) of 50 pF.
6.
If enabled all DACs and comparator units are active.
7.
ADC configured in circular mode.
8.
Temperature operating: TA= 25 °C.
9.
Data based on characterization results not tested in production.
Table 40. Peripheral supply current consumption at VDD/VDDA = 5 V (continued)
Symbol
Clock
Peripherals
Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com