Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 74 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 70Page - STMicroelectronics STLUX385ATR Datasheet HTML 71Page - STMicroelectronics STLUX385ATR Datasheet HTML 72Page - STMicroelectronics STLUX385ATR Datasheet HTML 73Page - STMicroelectronics STLUX385ATR Datasheet HTML 74Page - STMicroelectronics STLUX385ATR Datasheet HTML 75Page - STMicroelectronics STLUX385ATR Datasheet HTML 76Page - STMicroelectronics STLUX385ATR Datasheet HTML 77Page - STMicroelectronics STLUX385ATR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 99 page
background image
Electrical characteristics
STLUX385A
74/98
DocID024387 Rev 2
IC low power current consumption
The following table summarizes the current consumption measured on V
DD
/V
DDA
supply
pins in power saving conditions.
I
DD(WFI2)
Flash
HSE
(5)
16
16
All
3.1
3.8
V
DD
/V
DDA
=3.3 V
3.8
5.6
V
DD
/V
DDA
=5 V
1.
“All” means: I2C, UART, Dali, ITC, GPIO0, SysTimr, WWDG and IWDG peripherals active.
2.
f
MASTER
clock source.
3.
HSE frequency provided by external quartz.
4.
The peripheral current consumption is supplied by the VCORE voltage (1.8 V).
5.
Temperature operating: TA= 25 °C.
6.
Data based on characterization results not tested in production.
Table 37. Supply base current consumption at VDD/VDDA = 3.3/5 V (continued)
Symbol
Code
Clock
Peripheral
Consumption(6)
Note
Table 38. Supply low power consumption at VDD/VDDA = 3.3/5 V
Symbol
Code
Clock
Peripheral
Consumption(11)
Note
Op.
mode
(1)(2)
Code
area
SRC
(3)
f
MASTER
f
CPU
E
2
PROM
(6)
MVRreg.
(5)
Typ.
(8.10)
Max.
(9,10)
Description
Clock
MHz
Enable
Enable
mA
mA
I
DD(AHLT1)
Flash
HSI
16
Enable
Enable
0.23
0.32
AWU clocked by LSI
I
DD(AHLT2)
Flash
HSI
16
Enable
Disable
0.085
0.12
AWU clocked by LSI
I
DD(AHLT3)
Flash
HSE
(4,7)
16
Enable
Enable
0.73
0.90
V
DD
/V
DDA
=3.3 V
1.4
1.7
V
DD
/V
DDA
=5 V
I
DD(AHLT4)
Flash
HSE
(4,7)
16
Enable
Disable
0.65
0.95
V
DD
/V
DDA
=3.3 V
1.2
1.45
V
DD
/V
DDA
=5 V
I
DD(HLT1)
Flash
HSI
16
Enable
Disable
0.087
0.13
I
DD(HLT2)
Flash
HSE
(4,7)
16
Enable
Disable
0.075
0.11
V
DD
/V
DDA
=3.3 V
0.090
0.15
V
DD
/V
DDA
=5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com