Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 70 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 66Page - STMicroelectronics STLUX385ATR Datasheet HTML 67Page - STMicroelectronics STLUX385ATR Datasheet HTML 68Page - STMicroelectronics STLUX385ATR Datasheet HTML 69Page - STMicroelectronics STLUX385ATR Datasheet HTML 70Page - STMicroelectronics STLUX385ATR Datasheet HTML 71Page - STMicroelectronics STLUX385ATR Datasheet HTML 72Page - STMicroelectronics STLUX385ATR Datasheet HTML 73Page - STMicroelectronics STLUX385ATR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 99 page
background image
Electrical characteristics
STLUX385A
70/98
DocID024387 Rev 2
10.2
Absolute maximum ratings
Stresses above those listed as 'absolute maximum ratings' may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect the device reliability.
Table 32. Voltage characteristics
Symbol
Ratings
Min.
Max.
Unit
V
DDX
– V
SSX
Supply voltage
(1)
1.
All power V
DDX
(V
DD
, V
DDA
) and ground V
SSX
(V
SS
, V
SSA
) pins must always be connected to the external
power supply.
-0.3
6.5
V
V
IN
Input voltage on any other pin
(2)
2.
I
INJ(PIN)
must never be exceeded. This is implicitly insured if V
IN
maximum is respected. If V
IN
maximum
cannot be respected, the injection current must be limited externally to the I
INJ(PIN)
value. A positive
injection is induced by V
IN
> V
DD
while a negative injection is induced by V
IN
< V
SS
.
V
SS
-0.3
V
DD
+0.3
V
DD
- V
DDA
Variation between different power pins
50
mV
V
SS
- V
SSA
Variation between all the different ground
pins
(3)
3.
V
SS
and V
SSA
signals must be interconnected together with a short wire loop.
50
V
ESD
Electrostatic discharge voltage
Refer to absolute maximum ratings
(electrical sensitivity) on
Section 10.4.1
Table 33. Current characteristics
Symbol
Ratings
Max.(1)
1.
Data based on characterization results, not tested in production.
Unit
I
VDDX
Total current into V
DDX
power lines
(2)
2.
All power V
DDX
(V
DD
, V
DDA
) and ground V
SSX
(V
SS
, V
SSA
) pins must always be connected to the external
power supply.
100
mA
I
VSSX
Total current out of V
SSX
power lines
(2)
100
I
IO
Output current sunk by any I/Os and control pin
Ref.
Output current source by any I/Os and control pin
I
INJ(PIN)
(3) (4)
3.
I
INJ(PIN)
must never be exceeded. This is implicitly insured if V
IN
maximum is respected. If V
IN
maximum
cannot be respected, the injection current must be limited externally to the I
INJ(PIN)
value. A positive
injection is induced by V
IN
> V
DD
while a negative injection is induced by V
IN
< V
SS
.
4.
Negative injection disturbs the analog performance of the device.
Injected current on any pin
±4
I
INJ(TOT)
(3)(4)(5)
5.
When several inputs are submitted to a current injection, the maximum
Σ
IINJ(PIN)
is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on characterization
with
Σ
IINJ(PIN)
maximum current injection on four I/O port pins of the device.
Sum of injected currents
±20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com