Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 82 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 78Page - STMicroelectronics STLUX385ATR Datasheet HTML 79Page - STMicroelectronics STLUX385ATR Datasheet HTML 80Page - STMicroelectronics STLUX385ATR Datasheet HTML 81Page - STMicroelectronics STLUX385ATR Datasheet HTML 82Page - STMicroelectronics STLUX385ATR Datasheet HTML 83Page - STMicroelectronics STLUX385ATR Datasheet HTML 84Page - STMicroelectronics STLUX385ATR Datasheet HTML 85Page - STMicroelectronics STLUX385ATR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
Electrical characteristics
STLUX385A
82/98
DocID024387 Rev 2
10.3.4
Internal clock sources and timing characteristics
HSI RC oscillator
Subject to general operating conditions for V
DD
and T
A
.
LSI RC oscillator
Subject to general operating conditions for V
DD
and T
A
.
PLL internal source clock
Table 43. HSI RC oscillator
Symbol
Parameter
Conditions
Min.(1)
1.
Data based on characterization results, not tested in production.
Typ.
Max.(1)
Unit
f
HSI
Frequency
16
MHz
ACC
HSI
Accuracy of HSI
oscillator (factory
calibrated)
(1)(2)
2.
Variation referred to f
HSI
nominal value.
V
DD
= 3.3V
T
A
= 25 ºC
-1%
+1%
%
V
DD
= 3.3V
-40 ºC
≤ T
A
105 ºC
-4%
+4%
V
DD
= 5V
-40 ºC
≤ T
A
105 ºC
-4%
+4%
t
SU(HSI)
HSI oscillator wakeup
time including
calibration
1
μs
Table 44. LSI RC oscillator
Symbol
Parameter
Conditions
Min.(1)
1.
Guaranteed by design, not tested in production.
Typ.
Max.(1)
Unit
f
LSI
Frequency
153.6
kHz
ACC
LSI
Accuracy of LSI
oscillator
3.3V
≤ V
DD
5V
-40 ºC
≤ T
A
105 ºC
-10%
10%
%
t
SU(LSI)
LSI oscillator wakeup
time
7
μs
Table 45. PLL internal source clock
Symbol
Parameter
Conditions
Min.(1)
Typ.
Max.(1)
Unit
f
IN
Input frequency
((2)
3.3V
≤ V
DD
5V
-40 ºC
≤ T
A
105 ºC
16
MHz
f
OUT
Output frequency
96
t
lock
PLL lock time
200
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com