Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 73 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 69Page - STMicroelectronics STLUX385ATR Datasheet HTML 70Page - STMicroelectronics STLUX385ATR Datasheet HTML 71Page - STMicroelectronics STLUX385ATR Datasheet HTML 72Page - STMicroelectronics STLUX385ATR Datasheet HTML 73Page - STMicroelectronics STLUX385ATR Datasheet HTML 74Page - STMicroelectronics STLUX385ATR Datasheet HTML 75Page - STMicroelectronics STLUX385ATR Datasheet HTML 76Page - STMicroelectronics STLUX385ATR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 99 page
background image
DocID024387 Rev 2
73/98
STLUX385A
Electrical characteristics
The total current consumption is given by the following formula:
where I
DD(PWM)
= I
DD(PWM1)
*N
PWM
More generally, the PWM current consumption has to be individually evaluated for each
f
SMED
clock grouping, using the formula below:
where i = f
SMED
clock group index; N
i
= PWM number of the i_th clock group; N
fSMED
=
f
SMED
clock group number.
IC supply base current consumption
The following table summarizes the current consumption measured on V
DD
/V
DDA
supply
pins in relevant operative conditions.
I
DD
I
DD
R u n 2
()
I
DD
A D C 2
()
I
DD
A C U
()
I
DD
P L L
()
I
DD
P W M
()
++
+
+
=
I
DD
P W M
i 1
[]
() Ni
[]
I
DD
P W M
()
Nf SM ED
i1
=
=
Table 37. Supply base current consumption at VDD/VDDA = 3.3/5 V
Symbol
Code
Clock
Peripheral
Consumption(6)
Note
Op. mode
Code
area
SRC
(2)
f
MASTER
f
CPU
Periph
(1,4)
Typ.
(5)
Max.
(5)
Description
Clock
MHz
MHz
Enable
mA
mA
I
DD(Run1)
Flash
HSI
2
2
All
2.3
2.77
Reset exit condition
I
DD(Run2)
Flash
HSI
16
16
All
9.4
11.3
I
DD(Run3)
RAM
HSI
16
16
All
4.2
5.1
I
DD(Run4)
Flash
HSE
(1)
16
16
All
10.0
12.1
V
DD
/V
DDA
= 3.3 V
10.6
12.74
V
DD
/V
DDA
= 5 V
I
DD(Run5)
RAM
HSE
(5)
16
16
All
4.6
5.53
V
DD
/V
DDA
= 3.3 V
5.2
6.63
V
DD
/V
DDA
= 5 V
I
DD(SLOW1)
Flash
HSI
16
2
All
3.6
4.33
I
DD(SLOW2)
RAM
HSI
16
2
All
2.9
3.5
I
DD(SLOW3)
Flash
HSE
(5)
16
2
All
3.9
4.7
V
DD
/V
DDA
= 3.3 V
4.5
5.5
V
DD
/V
DDA
= 5 V
I
DD(SLOW4)
Flash
HSI
16
0.125
All
2.7
3.3
I
DD(SLOW5)
Flash
HSE
(5)
16
0.125
All
3.0
3.7
V
DD
/V
DDA
= 3.3 V
3.6
4.4
V
DD
/V
DDA
= 5 V
I
DD(SLOW6)
Flash
LSI
0,153
0.153
All
1.5
1.9
I
DD(WFI1)
Flash
HSI
16
16
All
2.6
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com