Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 62 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 58Page - STMicroelectronics STLUX385ATR Datasheet HTML 59Page - STMicroelectronics STLUX385ATR Datasheet HTML 60Page - STMicroelectronics STLUX385ATR Datasheet HTML 61Page - STMicroelectronics STLUX385ATR Datasheet HTML 62Page - STMicroelectronics STLUX385ATR Datasheet HTML 63Page - STMicroelectronics STLUX385ATR Datasheet HTML 64Page - STMicroelectronics STLUX385ATR Datasheet HTML 65Page - STMicroelectronics STLUX385ATR Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
Option bytes
STLUX385A
62/98
DocID024387 Rev 2
AFR_IOMXP0 (alternative Port0 config. reg.)
Bit 5-0:
Refer to MSC_IOMXP0 miscellaneous register field description
Section 6.2
Bit 7-6:
RFU reserved; must be kept 0 during register writing for future compatibility
nAFR_IOMXP0 (alternative Port0 config. reg. protect.)
nAFR_IOMXP0: not(AFR_IOMXP0) EMC byte protection.
AFR_IOMXP1 (alternative Port1 config. reg.)
Bit 5-0:
Refer to MSC_IOMXP1 miscellaneous register field description
Section 6.2.3
Bit 6:
RFU reserved; must be kept 0 during register writing for future product compatibility
Offset: 0x00480F
Default value: 0x00
76
5432
1
0
RFU
Sel_p054 [1:0]
Sel_p032 [1:0]
Sel_p010 [1:0]
r
r/w
r/w
r/w
Offset: 0x004810
Default value: 0xFF
76
5432
1
0
RFU
nSel_p054 [1:0]
nSel_p032 [1:0]
nSel_p010 [1:0]
r
r/w
r/w
r/w
Offset: 0x004811
Default value: 0x00
76
5432
1
0
AUXTIM
RFU
Sel_p15
Sel_p14
Sel_p13
Sel_p12
Sel_p11
Sel_p10
r
r
r/w
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com