Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78-HT Datasheet(PDF) 28 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 28 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 24Page - Microchip Technology FDC37C78-HT Datasheet HTML 25Page - Microchip Technology FDC37C78-HT Datasheet HTML 26Page - Microchip Technology FDC37C78-HT Datasheet HTML 27Page - Microchip Technology FDC37C78-HT Datasheet HTML 28Page - Microchip Technology FDC37C78-HT Datasheet HTML 29Page - Microchip Technology FDC37C78-HT Datasheet HTML 30Page - Microchip Technology FDC37C78-HT Datasheet HTML 31Page - Microchip Technology FDC37C78-HT Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
28
If the last sector to be transferred is a partial
sector, the host can stop transferring the data in
mid-sector, and the FDC will continue to complete
the sector as if a hardware TC was received. The
only difference between these implicit functions
and TC is that they return "abnormal termination"
result status.
Such status indications can be
ignored if they were expected.
Note that when the host is sending data to the
FIFO of the FDC, the internal sector count will be
complete when the FDC reads the last byte from
its side of the FIFO. There may be a delay in the
removal of the transfer request signal of up to the
time taken for the FDC to read the last 16 bytes
from the FIFO. The host must tolerate this delay.
Result Phase
The generation of IRQ determines the beginning
of the result phase. For each of the commands, a
defined set of result bytes has to be read from the
FDC before the result phase is complete. These
bytes of data must be read out for another
command to start.
RQM and DIO must both equal "1" before the
result bytes may be read. After all the result bytes
have been read, the RQM and DIO bits switch to
"1" and "0" respectively, and the CB bit is cleared,
indicating that the FDC is ready to accept the next
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com