Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78-HT Datasheet(PDF) 19 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 19 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 15Page - Microchip Technology FDC37C78-HT Datasheet HTML 16Page - Microchip Technology FDC37C78-HT Datasheet HTML 17Page - Microchip Technology FDC37C78-HT Datasheet HTML 18Page - Microchip Technology FDC37C78-HT Datasheet HTML 19Page - Microchip Technology FDC37C78-HT Datasheet HTML 20Page - Microchip Technology FDC37C78-HT Datasheet HTML 21Page - Microchip Technology FDC37C78-HT Datasheet HTML 22Page - Microchip Technology FDC37C78-HT Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
19
DATA REGISTER (FIFO)
Address 3F5 READ/WRITE
All command parameter information, disk data and
result status are transferred between the host
processor and the floppy disk controller through
the Data Register.
Data transfers are governed by the RQM and DIO
bits in the Main Status Register.
The Data Register defaults to FIFO disabled mode
after any form of reset.
This maintains PC/AT
hardware compatibility. The default values can be
changed through the Configure command (enable
full FIFO operation with threshold control).
The
advantage of the FIFO is that it allows the system
a larger DMA latency without causing a disk error.
Table 15 gives several examples of the delays
with a
FIFO.
The data is based upon the following
formula:
At the start of a command, the FIFO action is
always disabled and command parameters must
be sent based upon the RQM and DIO bit settings.
As the command execution phase is entered, the
FIFO is cleared of any data to ensure that invalid
data is not transferred.
An overrun or underrun will terminate the current
command and the transfer of data. Disk writes will
complete the current sector by generating a 00
pattern and valid CRC. Reads require the host to
remove the remaining data so that the result
phase may be entered.
Table 13- FIFO Service Delay
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
2 Mbps* DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 4 µs - 1.5 µs = 2.5 µs
2 x 4 µs - 1.5 µs = 6.5 µs
8 x 4 µs - 1.5 µs = 30.5 µs
15 x 4 µs - 1.5 µs = 58.5 µs
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
1 Mbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 8 µs - 1.5 µs = 6.5 µs
2 x 8 µs - 1.5 µs = 14.5 µs
8 x 8 µs - 1.5 µs = 62.5 µs
15 x 8 µs - 1.5 µs = 118.5 µs
FIFO THRESHOLD
EXAMPLES
MAXIMUM DELAY TO SERVICING AT
500 Kbps DATA RATE
1 byte
2 bytes
8 bytes
15 bytes
1 x 16 µs - 1.5 µs = 14.5 µs
2 x 16 µs - 1.5 µs = 30.5 µs
8 x 16 µs - 1.5 µs = 126.5 µs
15 x 16 µs - 1.5 µs = 238.5 µs
*The 2 Mbps data rate is only available if VCC = 5V.
Threshold # x
1
DATA RATE
x 8
- 1.5 µs = DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com