Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78-HT Datasheet(PDF) 48 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 48 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 44Page - Microchip Technology FDC37C78-HT Datasheet HTML 45Page - Microchip Technology FDC37C78-HT Datasheet HTML 46Page - Microchip Technology FDC37C78-HT Datasheet HTML 47Page - Microchip Technology FDC37C78-HT Datasheet HTML 48Page - Microchip Technology FDC37C78-HT Datasheet HTML 49Page - Microchip Technology FDC37C78-HT Datasheet HTML 50Page - Microchip Technology FDC37C78-HT Datasheet HTML 51Page - Microchip Technology FDC37C78-HT Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
48
Write Deleted Data
This command is almost the same as the Write
Data command except that a Deleted Data
Address Mark is written at the beginning of the
Data Field instead of the normal Data Address
Mark. This command is typically used to mark a
bad sector containing an error on the floppy disk.
Verify
The Verify command is used to verify the data
stored on a disk. This command acts exactly like
a Read Data command except that no data is
transferred to the host. Data is read from the disk
and CRC is computed and checked against the
previously-stored value.
Because data is not transferred to the host, TC
(pin 25) cannot be used to terminate this
command. By setting the EC bit to "1", an implicit
TC will be issued to the FDC. This implicit TC will
occur when the SC value has decremented to 0
(an SC value of 0 will verify 256 sectors). This
command can also be terminated by setting the
EC bit to "0" and the EOT value equal to the final
sector to be checked. If EC is set to "0", DTL/SC
should be programmed to 0FFH. Refer to Table
26 and Table 27 for information concerning the
values of MT and EC versus SC and EOT value.
Definitions:
# Sectors Per Side = Number of formatted sectors
per each side of the disk.
# Sectors Remaining = Number of formatted
sectors left which can be read, including side 1 of
the disk if MT is set to "1".
Table 25 - Verify Command Result Phase Table
MT
EC
SC/EOT VALUE
TERMINATION RESULT
0
0
SC = DTL
EOT
≤ # Sectors Per Side
Success Termination
Result Phase Valid
0
0
SC = DTL
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
0
1
SC
≤ # Sectors Remaining AND
EOT
≤ # Sectors Per Side
Successful Termination
Result Phase Valid
0
1
SC > # Sectors Remaining OR
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
1
0
SC = DTL
EOT
≤ # Sectors Per Side
Successful Termination
Result Phase Valid
1
0
SC = DTL
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
1
1
SC
≤ # Sectors Remaining AND
EOT
≤ # Sectors Per Side
Successful Termination
Result Phase Valid
1
1
SC > # Sectors Remaining OR
EOT > # Sectors Per Side
Unsuccessful Termination
Result Phase Invalid
NOTE: If MT is set to "1" and the SC value is greater than the number of remaining formatted sectors on
Side 0, verifying will continue on Side 1 of the disk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com