Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78-HT Datasheet(PDF) 59 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 59 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 55Page - Microchip Technology FDC37C78-HT Datasheet HTML 56Page - Microchip Technology FDC37C78-HT Datasheet HTML 57Page - Microchip Technology FDC37C78-HT Datasheet HTML 58Page - Microchip Technology FDC37C78-HT Datasheet HTML 59Page - Microchip Technology FDC37C78-HT Datasheet HTML 60Page - Microchip Technology FDC37C78-HT Datasheet HTML 61Page - Microchip Technology FDC37C78-HT Datasheet HTML 62Page - Microchip Technology FDC37C78-HT Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
59
Once awake, the FDC37C78 will
reinitiate
the
auto powerdown timer for 10 ms. The part will
powerdown
again
when
all
the
powerdown
conditions are satisfied.
Register Behavior
Table 30 reiterates the AT registers available. It
also shows the type of access permitted. In order
to maintain software transparency, access to all
the registers must be maintained.
As Table 30
shows, two sets of registers are distinguished
based on whether their access results in the part
remaining in powerdown state or exiting it.
Access to all other registers is possible without
awakening the part.
These registers can be
accessed during powerdown without changing the
status of the part. A read from these registers will
reflect the true status as shown in the register
description in the FDC description. A write to the
part will result in the part retaining the data and
subsequently reflecting it when the part awakens.
Accessing the part during powerdown may cause
an increase in the power consumption by the
part. The part will revert back to its low power
mode when the access has been completed.
Pin Behavior
The FDC37C78 is
specifically
designed
for
portable PC systems in which power conservation
is a primary concern. This makes the behavior of
the pins during powerdown very important.
The pins of the FDC37C78 can be divided into
two major categories: system interface and floppy
disk drive interface. The floppy disk drive pins are
disabled so that no power will be drawn through
the part as a result of any voltage applied to the
pin within the part's power supply range. Most of
the system interface pins are left active to monitor
system accesses that may wake up the part.
System Interface Pins
Table 31 gives the state of the system interface
pins in the powerdown state.
Pins unaffected by
the powerdown are labeled "Unchanged". Input
pins are "Disabled" to prevent them from causing
currents internal to the FDC37C78 when they have
indeterminate input values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com