Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78-HT Datasheet(PDF) 30 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 30 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 26Page - Microchip Technology FDC37C78-HT Datasheet HTML 27Page - Microchip Technology FDC37C78-HT Datasheet HTML 28Page - Microchip Technology FDC37C78-HT Datasheet HTML 29Page - Microchip Technology FDC37C78-HT Datasheet HTML 30Page - Microchip Technology FDC37C78-HT Datasheet HTML 31Page - Microchip Technology FDC37C78-HT Datasheet HTML 32Page - Microchip Technology FDC37C78-HT Datasheet HTML 33Page - Microchip Technology FDC37C78-HT Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
30
Table 18 - Description of Command Symbols
SYMBOL
NAME
DESCRIPTION
field.
HLT
Head Load Time
The time interval that FDC waits after loading the head and before
initializing a read or write operation. Refer to the Specify command
for actual delays.
HUT
Head Unload Time The time interval from the end of the execution phase (of a read or
write command) until the head is unloaded.
Refer to the Specify
command for actual delays.
LOCK
Lock defines whether EFIFO, FIFOTHR, and PRETRK parameters
of the CONFIGURE COMMAND can be reset to their default values
by a "software Reset". (A reset caused by writing to the appropriate
bits of either tha DSR or DOR)
MFM
MFM/FM Mode
Selector
A one selects the double density (MFM) mode. A zero selects single
density (FM) mode.
MT
Multi-Track
Selector
When set, this flag selects the multi-track operating mode. In this
mode, the FDC treats a complete cylinder under head 0 and 1 as a
single track. The FDC operates as this expanded track started at the
first sector under head 0 and ended at the last sector under head 1.
With this flag set, a multitrack read or write operation will
automatically continue to the first sector under head 1 when the FDC
finishes operating on the last sector under head 0.
N
Sector Size Code
This specifies the number of bytes in a sector. If this parameter is
“00”, then the sector size is 128 bytes.
The number of bytes
transferred is determined by the DTL parameter.
Otherwise the
sector size is (2 raised to the “N’th” power) times 128. All values up
to “07” hes are allowable. “07”H would equal a sector size of 16k. It
is the user’s resposibility to not select combinations that are not
possible with the drive.
N
SECTOR SIZE
00
128 bytes
01
256 bytes
02
512 bytes
03
1024 bytes
..
...
07
16 Kbytes
NCN
New Cylinder
Number
The desired cylinder number.
ND
Non-DMA Mode
Flag
When set to 1, indicates that the FDC is to operate in the non-DMA
mode. In this mode, the host is interrupted for each data transfer.
When set to 0, the FDC operates in DMA mode, interfacing to a DMA
controller by means of the DRQ and DACK signals.
OW
Overwrite
The bits D0-D3 of the Perpendicular Mode Command can only be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com