Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78-HT Datasheet(PDF) 56 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 56 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 52Page - Microchip Technology FDC37C78-HT Datasheet HTML 53Page - Microchip Technology FDC37C78-HT Datasheet HTML 54Page - Microchip Technology FDC37C78-HT Datasheet HTML 55Page - Microchip Technology FDC37C78-HT Datasheet HTML 56Page - Microchip Technology FDC37C78-HT Datasheet HTML 57Page - Microchip Technology FDC37C78-HT Datasheet HTML 58Page - Microchip Technology FDC37C78-HT Datasheet HTML 59Page - Microchip Technology FDC37C78-HT Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
56
When both GAP and WGATE bits of the
PERPENDICULAR MODE COMMAND are both
programmed to "0" (Conventional mode), then D0,
D1, D2, D3, and D4 can be programmed
independently to "1" for that drive to be set
automatically to Perpendicular mode. In this mode
the following set of conditions also apply:
1. The GAP2 written to a perpendicular drive
during a write operation will depend upon the
programmed data rate.
2. The
write
pre-compensation
given
to
a
perpendicular mode drive wil be 0ns.
3. For D0-D3 programmed to "0" for conventional
mode drives any data written will be at the
currently programmed write pre-compensation.
Note:
Bits D0-D3 can only be overwritten when
OW is programmed as a "1".
If either
GAP or WGATE is a "1" then D0-D3 are
ignored.
Software and hardware resets have the following
effect
on
the
PERPENDICULAR
MODE
COMMAND:
1. "Software" resets (via the DOR or DSR
registers) will only clear GAP and WGATE bits
to "0". D0-D3 are unaffected and retain their
previous value.
2. "Hardware" resets will clear all bits ( GAP,
WGATE and D0-D3) to "0", i.e all conventional
mode.
Table 29 - Effects of WGATE and GAP Bits
WGATE
GAP
MODE
LENGTH OF
GAP2 FORMAT
FIELD
PORTION OF GAP 2
WRITTEN BY WRITE
DATA OPERATION
0
0
1
1
0
1
0
1
Conventional
Perpendicular
(500 Kbps)
Reserved
(Conventional)
Perpendicular
(1 Mbps)
22 Bytes
22 Bytes
22 Bytes
41 Bytes
0 Bytes
19 Bytes
0 Bytes
38 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com