Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78-HT Datasheet(PDF) 46 Page - Microchip Technology

Part # FDC37C78-HT
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78-HT Datasheet(HTML) 46 Page - Microchip Technology

Back Button FDC37C78-HT Datasheet HTML 42Page - Microchip Technology FDC37C78-HT Datasheet HTML 43Page - Microchip Technology FDC37C78-HT Datasheet HTML 44Page - Microchip Technology FDC37C78-HT Datasheet HTML 45Page - Microchip Technology FDC37C78-HT Datasheet HTML 46Page - Microchip Technology FDC37C78-HT Datasheet HTML 47Page - Microchip Technology FDC37C78-HT Datasheet HTML 48Page - Microchip Technology FDC37C78-HT Datasheet HTML 49Page - Microchip Technology FDC37C78-HT Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
46
Read Deleted Data
This command is the same as the Read Data
command, only it operates on sectors that contain
a Deleted Data Address Mark at the beginning of a
Data Field.
Table 2
3 describes the effect of the SK bit on the
Read Deleted Data command execution and
results.
Except where noted in Table 25, the C or R value
of the sector address is automatically incremented
(see Table 26).
Table 23 - Skip Bit vs. Read Deleted Data Command
DATA ADDRESS
RESULTS
SK BIT
VALUE
MARK TYPE
ENCOUNTERED
SECTOR
READ?
CM BIT OF
ST2 SET?
DESCRIPTION OF
RESULTS
0
0
1
1
Normal Data
Deleted Data
Normal Data
Deleted Data
Yes
Yes
No
Yes
Yes
No
Yes
No
Address not
incremented. Next
sector not
searched for.
Normal
termination.
Normal
termination. Sector
not read
("skipped").
Normal
termination.
Read A Track
This command is similar to the Read Data
command except that the entire data field is read
continuously from each of the sectors of a track.
Immediately after encountering a pulse on the
nINDEX pin, the FDC starts to read all data
fields on the track as continuous blocks of data
without regard to logical sector numbers.
If the
FDC finds an error in the ID or DATA CRC check
bytes, it continues to read data from the track and
sets the appropriate error bits at the end of the
command. The FDC compares the ID information
read from each sector with the specified value in
the command and sets the ND flag of Status
Register 1 to a "1" if there is no comparison. Multi-
track or skip operations are not allowed with this
command. The MT and SK bits (bits D7 and D5 of
the first command byte respectively) should always
be set to "0".
This command terminates when the EOT specified
number of sectors has not been read. If the FDC
does not find an ID Address Mark on the diskette
after the second occurrence of a pulse on the IDX
pin, then it sets the IC code in Status Register 0 to
"01" (abnormal termination), sets the MA bit in
Status Register 1 to "1", and terminates the
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com