Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1655ACBZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1655ACBZ-R7
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655ACBZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1655ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADP1655
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VIN = 3.6 V, TJ = −40°C to +125°C for minimum/maximum specifications and TA = 25°C for typical specifications, unless
otherwise noted.
Table 1.
Parameter1
Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage Range
2.7
5.5
V
Undervoltage Lockout Threshold
VIN falling
2.3
2.4
2.5
V
Hysteresis
50
100
150
mV
Shutdown Current
TJ = −40°C to +85°C, current into VIN pin, VIN = 2.7
V to 4.5 V
0.3
1
μA
Standby Current
TJ = −40°C to +85°C, current into VIN pin, VIN = 2.7
V to 4.5 V
3
10
μA
I2C/EN = SCL/EN1 = SDA/EN2 = 1.8 V
Operating Quiescent Current
Torch mode, two LEDs, LED current = 40 mA
5.3
mA
SW Switch Leakage
TJ = −40°C to +85°C
1
μA
INPUTS
Input Logic Low Voltage
0.54
V
Input Logic High Voltage
1.26
V
TORCH, STROBE, TX_MASK Pull-Down
350
kΩ
SCL/EN1, SDA/EN2 Pull-Down
I2C/EN = 0 V
350
kΩ
TORCH Glitch Filtering Delay
From TORCH rising edge to device start
6.3
9
11.7
ms
LED DRIVER
LED Current
Assist Light, Torch
I2C/EN = 0, one LED
80
mA
I2C/EN = 0, two LEDs
40
mA
I2C/EN = 1, assist light value setting = 0 (000 binary)
20
mA
I2C/EN = 1, assist light value setting = 7 (111 binary)
160
mA
Flash
I2C/EN = 0, one LED
500
mA
I2C/EN = 0, two LEDs
320
mA
I2C/EN = 1, flash value setting = 0 (0000 binary)
200
mA
I2C/EN = 1, one LED, flash value setting = 15 (1111 binary)
500
mA
I2C/EN = 1, two LEDs, flash value setting = 10 to 15 (1010 to
1111 binary)
400
mA
LED Current Accuracy
ILED = 320 mA to 500 mA
−5
+5
%
ILED = 60 mA to 320 mA
−5
+10
%
ILED = 20 mA to 60 mA
−5
+20
%
LED Current Source Headroom2
Flash typical, 400 mA LED current
290
mV
Torch 160 mA
190
LED_OUT Ramp-Up Time
1
ms
LED_OUT Ramp-Down Time
0.5
ms
Maximum Timeout For Flash
850
ms
Timer Accuracy
−7.5
+7.5
%
SWITCHING REGULATOR
Switching Frequency
1.85
2
2.15
MHz
Minimum Duty Cycle
9.0
%
N-FET Resistance
135
mΩ
P-FET Resistance
290
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com