Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1655ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1655ACBZ-R7
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1655ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP1655
Rev. 0 | Page 10 of 24
CHANNEL 1 (IBAT) 1A/DIV
CHANNEL 2 (IHPLED) 0.2A/DIV
CHANNEL 3 (VOUT) 5V/DIV
CHANNEL 4 (TX_MASK) 5V/DIV
L = FDSE0312-2R2M
COUT =10µF
Δ: 260µs
100µs/DIV
4
3
2
1
Figure 17. Tx Masking Response, TX_MASK = 1.8 V to 0 V,
ILED = 40 mA to 400 mA, VIN = 3.2 V
CHANNEL
1 (IHPLED) 0.1A/DIV
CHANNEL 2 (STROBE) 1V/DIV
CHANNEL 3 (SCL) 5V/DIV
200ms/DIV
3
2
1
Figure 18. Assist Light and Flash, STROBE Edge Sensitive Mode, Two LEDs,
Timer = 850 ms, ILED = 40 mA to 400 mA, VIN = 3.6 V
CHANNEL 1 (IHPLED) 0.1A/DIV
CHANNEL 2 (STROBE) 1V/DIV
CHANNEL 3 (SCL) 5V/DIV
200ms/DIV
3
2
1
Figure 19. Assist Light and Flash, STROBE Level Sensitive Mode, Two LEDs,
ILED = 40 mA to 400 mA, VIN = 3.6 V
CHANNEL 1 (VIN) 0.5V/DIV
CHANNEL 2 (IHPLED) 20mA/DIV
L = FDSE0312-2R2M
COUT =10µF
100µs/DIV
1
Figure 20. Line Transient, VIN = 3.2 V to 3.6 V, ILED = 400 mA
1.2
1.4
1.6
1.8
2.0
2.2
2.4
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
Figure 21. Coil Peak Current Limit vs. Temperature, Output Mode Register =
00, 01, 10, and 11 (Binary)
0
0.2
0.4
0.6
0.8
1.0
1.2
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
VIN = 2.5V
VIN = 3.6V
VIN = 4.5V
Figure 22. Shutdown Current vs. Temperature vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com