Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1655ACBZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1655ACBZ-R7
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655ACBZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1655ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 23Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADP1655
Rev. 0 | Page 20 of 24
APPLICATIONS INFORMATION
EXTERNAL COMPONENT SELECTION
Selecting the Inductor
The ADP1655 boost converter increases the battery voltage
to allow driving of one or two LEDs, whose combined voltage
drop is higher than the battery voltage plus the current source
headroom voltage. This allows the converter to regulate the
LED current over the entire battery voltage range and with a
wide variation of LED forward voltage.
The inductor saturation current should be greater than the sum
of the dc input current and half the inductor ripple current. A
reduction in the effective inductance due to saturation increases
the inductor current ripple. Suggested inductors are shown in
Table 15.
Table 15. Suggested Inductors
Vendor
Value
(μH)
Part No.
DCR
(mΩ)
ISAT
(A)
Dimensions
L × W × H (mm)
Toko
2.2
FDSE0312
160
3.1
3 × 3 × 1.2
Toko
2.0
DE2812C
67
1.8
3.0 × 3.2 × 1.22
Coilcraft
2.2
LPS3010
220
1.4
3 × 3 × 1.0
Coilcraft
2.2
LPS3314
100
1.5
3 × 3 × 1.4
Selecting the Input Capacitor
The ADP1655 requires an input bypass capacitor to supply
transient currents while maintaining constant input and output
voltages. The input capacitor carries the input ripple current,
allowing the input power source to supply only the dc current.
Use an input capacitor with a sufficient ripple current rating to
handle the inductor ripple. Increased input capacitance reduces
the amplitude of the switching frequency ripple on the battery.
Because of the dc bias characteristics of ceramic capacitors, a
0603, 6.3 V X5R/X7R, 10 μF ceramic capacitor is preferable.
Higher value input capacitors help to reduce the input voltage
ripple and improve transient response. Maximum input
capacitor current is calculated using the following equation:
To minimize supply noise, place the input capacitor as close to
the VIN pin of the ADP1655 as possible. As with the output
capacitor, a low ESR capacitor is suggested. A list of suggested
input capacitors is shown in Table 16.
Table 16. Suggested Input Capacitors
Vendor
Value
Part No.
Dimensions
L × W × H (mm)
Murata
10 μF, 6.3 V
GRM188R60J106ME47
1.6 × 0.8 × 0.8
TDK
10 μF, 6.3 V
C1608JB0J106K
1.6 × 0.8 × 0.8
Tayio
Yuden
10 μF, 6.3 V
JMK107BJ106MA
1.6 × 0.8 × 0.8
Selecting the Output Capacitor
The output capacitor maintains the output voltage and supplies
the LED current during NFET power switch on period. It also
stabilizes the loop. A 10.0 μF, 16 V X5R/X7R ceramic capacitor
is suggested.
Note that dc bias characterization data is available from capa-
citor manufacturers and should be taken into account when
selecting input and output capacitors. 16 V capacitors are
recommended for most two-LED designs. Designs with 1 mm
height restrictions can also use 0603 case size, 16 V capacitors
in parallel. A list of suggested output capacitors is shown in
Table 17.
Table 17. Suggested Output Capacitors
Vendor
Value
Part No.
Dimensions
L × W × H (mm)
Murata
10.0 μF, 10 V
GRM21BR71A106KE51
2 × 1.25 × 1.25
Murata
10.0 μF, 16 V
GRM31CR61C106KA88
3.2 × 1.6 × 1.6
Tayio
Yuden
10.0 μF, 16 V
EMK212BJ106KG
2 × 1.25 × 1.25
Higher output capacitor values reduce the output voltage ripple
and improve load transient response. When choosing this value,
it is also important to account for the loss of capacitance due to
output voltage dc bias.
Ceramic capacitors are manufactured with a variety of dielec-
trics, each with different behavior over temperature and applied
voltage. Capacitors must have a dielectric that ensures the
minimum capacitance over the necessary temperature range
and dc bias conditions. X5R or X7R dielectrics with a voltage
rating of 10.0 V or 16 V are suggested for best performance.
Y5V and Z5U dielectrics are not suggested for use with any
dc-to-dc converter because of their poor temperature and dc
bias characteristics.
IN
MAX
LOAD
CIN
V
I
I
)
(
≥
OUT
IN
OUT
V
V
V
)
(
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com