Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1655ACBZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1655ACBZ-R7
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655ACBZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1655ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADP1655
Rev. 0 | Page 17 of 24
Table 11. Current Set Register (Register 0x03)
Bit
R/W
Description
7:4
R/W
Flash current value setting
0000 = 200 mA
0001 = 220 mA
0010 = 240 mA
0011 = 260 mA
0100 = 280 mA
0101 = 300 mA
0110 = 320 mA (default for two LEDs)
0111 = 340 mA
1000 = 360 mA
1001 = 380 mA
1010 = 400 mA
1011 = 420 mA
1100 = 440 mA
1101 = 460 mA
1110 = 480 mA
1111 = 500 mA (default for one LED)
3
N/A
2:0
R/W
Torch and assist light current value setting
000 = 20 mA
001 = 40 mA (default)
010 = 60 mA
011 = 80 mA
100 = 100 mA
101 = 120 mA
110 = 140 mA
111 = 160 mA
Table 12. Output Mode Register (Register 0x04)
Bit
R/W
Description
7:6
R/W
Inductor peak current limit setting
00 = 1.25 A
01 = 1.5 A
10 = 1.75 A (default)
11 = 2.0 A
5
R/W
0 = edge sensitive
1 = level sensitive (default)
4
R/W
0 = TORCH not allowed
1 = TORCH allowed (default)
3
R/W
0 = LED_OUT off (default)
1 = LED_OUT on
2
R/W
0 = STROBE disabled
1 = STROBE enabled (default)
1:0
R/W
Configures LED output mode
00 = standby mode (default)
01 = reserved
10 = assist light mode
11 = flash mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com