Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1655ACBZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1655ACBZ-R7
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655ACBZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1655ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADP1655
Rev. 0 | Page 11 of 24
–40
–20
0
20406080
100
120
TEMPERATURE (°C)
36
38
40
42
44
VIN = 3.0V
VIN = 3.6V
VIN = 5.5V
Figure 26. LED Regulation, Set at 40 mA,
Current Set Register = 001 (Binary)
TEMPERATURE (°C)
380
385
390
395
400
405
410
415
420
–40
–20
0
20
40
60
80
100
120
VIN = 3.0V
VIN = 3.6V
VIN = 5.5V
Figure 27. LED Regulation, Set at 400 mA,
Current Set Register = 1010 (Binary)
TEMPERATURE (°C)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
–40
–20
0
20406080
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
Figure 23. Operating Quiescent Current vs. Temperature, Torch Mode
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VIN = 2.5V
VIN = 3.6V
VIN = 4.5V
Figure 24. Standby Current vs. Temperature vs. VIN,
I2C/EN = SCL/EN1 = SDA/EN2 = 1.8 V
–40
–20
0
20
406080
100
120
TEMPERATURE (°C)
1.85
1.90
1.95
2.00
2.05
2.10
2.15
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
Figure 25. Switching Frequency vs. Temperature vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com