Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1655ACBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1655ACBZ-R7
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655ACBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1655ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 16Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 17Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 18Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 19Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 20Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 21Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 22Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADP1655
Rev. 0 | Page 19 of 24
SAFETY FEATURES
For critical system conditions, such as output overvoltage,
flash timeout, LED output short circuit, and overtemperature
conditions, the ADP1655 has built-in safety mechanisms. If
one of the fault conditions occurs, the device shuts down and
a corresponding flag is set in the fault information register
(Register 0x05). In I2C interface mode, the system baseband
processor can read the fault information register through the
I2C interface to determine the nature of the fault condition
and, consequently, the fault flag is cleared. The device is
disabled until the fault information register is cleared.
In 2-bit logic interface mode, the I2C register readback is not
available. To clear a fault, set EN1, EN2, and TORCH low.
OVERVOLTAGE FAULT
The ADP1655 contains a comparator at the VOUT pin that
monitors the voltage between VOUT and SGND. If the voltage
exceeds 9.5 V (typical), the ADP1655 shuts down. In I2C mode,
Bit 7 in the fault information register is read back as high. The
ADP1655 is disabled until the fault is cleared, ensuring protec-
tion against an open circuit.
OUTPUT CAPACITOR FAULT
If no output capacitor is present at the VOUT pin when the
ADP1655 is enabled for a flash, torch, or assist light event,
the part shuts down and Bit 7 in the fault information register
is read back as high. The ADP1655 is disabled until the fault is
cleared. The output capacitor detection scheme does not cause
the VOUT pin to rise above the overvoltage threshold even though
the overvoltage flag (Bit 7) in the fault information register
(Register 5) is set. The overvoltage and output capacitor fault
flags share a single register bit to reduce the required number
of registers.
TIMEOUT FAULT
If the 2-bit logic interface is used, the maximum duration for
flash being enabled (EN1/EN2 = 1) is preset to 850 ms. If EN1
and EN2 remain high for longer than 850 ms, ADP1655 is
disabled until the fault is cleared (EN1, EN2, and TORCH low).
In I2C mode, if strobe mode is enabled (Register 0x04, Bit 2),
strobe is set to level sensitive mode (Register 0x04, Bit 5), and
if strobe remains high for longer than 850 ms, the timeout fault
bit, Register 0x05, Bit 4), is read back as high. The ADP1655 is
disabled until the fault is cleared.
OVERTEMPERATURE FAULT
If the junction temperature of the ADP1655 rises above 150°C,
a thermal protection circuit shuts down the device. In I2C mode,
Bit 5 of the fault information register is read back as high. The
ADP1655 is disabled until the fault is cleared.
SHORT-CIRCUIT FAULT
The LED_OUT pin features short-circuit protection that
disables the ADP1655 if it detects a short circuit to ground at
the LED_OUT pin. The ADP1655 monitors the LED voltage
when the LED driver is enabled. If the LED_OUT pin remains
below the short-circuit detection threshold during startup, a
short circuit is detected. Bit 6 of the fault information register
is read back as high. The ADP1655 is disabled until the fault is
cleared.
CURRENT LIMIT
The internal switch limits battery current by ensuring that the
peak inductor current does not exceed the programmed limit
(current limit is set by Bit 6 and Bit 7 in the output mode register,
Register 0x04). If the peak inductor current exceeds the limit,
the part shuts down and Bit 1 of the fault information register
is read back as high. The ADP1655 is disabled until the fault is
cleared.
AMOUNT OF LED DETECTION
The ADP1655 is able to detect the amount of LED connected in
series between the LED_OUT pin and the PGND potential. In
I2C mode, the detection is enabled with Bit 3 in the output mode
register. The part uses an 80 mA LED driver current setting to
detect the LED forward voltage (Vf) with a voltage comparator
at the start of a flash, torch, or assist light event. If the detected
forward voltage is higher than 4.3 V (typical), Bit 3 of the fault
information register is read back as high.
INPUT UNDERVOLTAGE
The ADP1655 includes an input undervoltage lockout circuit. If
the battery voltage drops below the 2.4 V (typical) input UVLO
threshold, the ADP1655 shuts down. In this case, information
in all registers is lost, and when power is reapplied, a power-on
reset circuit resets the registers to their default conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com