Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1655ACBZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1655ACBZ-R7
Description  Dual LED Flash Driver with I2C-Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1655ACBZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1655ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADP1655ACBZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP1655
Rev. 0 | Page 12 of 24
THEORY OF OPERATION
The ADP1655 is a high power, white LED driver ideal for
driving white LEDs for use as a camera flash. The ADP1655
includes a boost converter and a current regulator suitable
for powering one or two high power, white LEDs.
The ADP1655 responds to a 2-pin control interface that can
operate in two separate pin-selectable modes: tying the I2C/
EN pin high enables the I2C interface; tying the I2C/EN pin
low enables a 2-bit logic interface.
WHITE LED DRIVER
The ADP1655 drives a synchronous boost converter to power
one or two series-connected, high power LEDs. The white
LED driver regulates the high power LED current for accurate
brightness control. The ADP1655 uses an integrated PFET
current regulator.
When the white LED is turned on, the step-up converter output
voltage slew is limited to prevent excessive battery current while
charging the output capacitor. The output voltage of the boost
converter is sensed at VOUT. If the output voltage exceeds
the 9.5 V (typical) limit, the white LED driver turns off and
indicates that a fault condition has occurred through the system
registers. This feature prevents damage due to an overvoltage if
the white LED string fails with an open-circuit condition.
Setting the LED regulation currents depends on the 2-pin
control interface used.
ASSIST LIGHT AND TORCH MODES
The ADP1655 features a programmable assist light mode that
provides continuous LED current. The STROBE pin or the 2-bit
logic interface can be used to transition from assist light mode
directly to flash mode. The TORCH pin provides an alternative
means of accessing a continuous LED current mode of opera-
tion. Both assist light and torch modes deliver the same current,
which is programmable via the I2C-compatible interface.
PWM
CONTROLLER
PGND
PGND
VOUT
SW
PGND
SGND
VIN
UVLO
2.5V
OVP
FAULT
REGISTER
HPLED
SHORT
THERMAL
PROTECTION
HPLED
DRIVER
CURRENT
SENSE
CURRENT
SENSE
SCL/EN1
SDA/EN2
TORCH
STROBE
TX_MASK
PGND
PGND
AGND
COUT
L1
INPUT VOLTAGE = 2.5V TO 5.5V
CIN
C3
A3
B1
C1
A1
A2
D1
D2
D3
C2
B3
B2
I2C/EN
INTERFACE
AND
CONTROL
9.5V
4.35V
COUT
DETECTOR
HIGH POWER LED
CURRENT CONTROL
LED_OUT
Figure 28. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com