Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511EGLF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9LPRS511EGLF
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS511EGLF Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9LPRS511EGLF Datasheet HTML 1Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
Pin Description (Continued)
Pin#
Pin Name
Type Pin Description
33
PCIeC_LR5
OUT
Complement clock of 0.75V differential push-pull PCI_Express pair with integrated
33ohm series resistor
34
PCIeT_LR5
OUT
True clock of 0.75V differential push-pull PCI_Express pair with integrated 33ohm
series resistor
35
PCIeC_LR6
OUT
Complement clock of 0.75V differential push-pull PCI_Express pair with integrated
33ohm series resistor
36
PCIeT_LR6
OUT
True clock of 0.75V differential push-pull PCI_Express pair with integrated 33ohm
series resistor
37
GND
PWR Ground pin.
38
PCIeC_LR7
OUT
Complement clock of 0.75V differential push-pull PCI_Express pair with integrated
33ohm series resistor
39
PCIeT_LR7
OUT
True clock of 0.75V differential push-pull PCI_Express pair with integrated 33ohm
series resistor
40
PCIeC_LR8
OUT
Complement clock of 0.75V differential push-pull PCI_Express pair with integrated
33ohm series resistor
41
PCIeT_LR8
OUT
True clock of 0.75V differential push-pull PCI_Express pair with integrated 33ohm
series resistor
42
VDDA
PWR 3.3V power for the PLL core.
43
GNDA
PWR Ground pin for the PLL core.
44
VDDI/O
PWR Power supply for differential outputs
45
CPUC_LR1
OUT
Complementary clock of differential pair 0.75V push-pull CPU outputs with integrated
33ohm series resistor.
46
CPUT_LR1
OUT
True clock of differential pair 0.75V push-pull CPU outputs with integrated 33ohm
series resistor.
47
VDDCPU
PWR Supply for CPU clocks, 3.3V nominal
48
CPUC_LR0
OUT
Complementary clock of differential pair 0.75V push-pull CPU outputs with integrated
33ohm series resistor.
49
CPUT_LR0
OUT
True clock of differential pair 0.75V push-pull CPU outputs with integrated 33ohm
series resistor.
50
GND
PWR Ground pin.
51
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
52
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
53
VDDREF
PWR Ref, XTAL power supply, nominal 3.3V
54
X2
OUT
Crystal output, Nominally 14.318MHz
55
X1
IN
Crystal input, Nominally 14.318MHz.
56
GND
PWR Ground pin.
57
REF0_2x/FSLC
I/O
2x strength 14.318 MHz reference clock./ 3.3V tolerant input for CPU frequency
selection. Refer to input electrical characteristics for Vil_FS and Vih_FS values.
58
GND
PWR Ground pin.
59
SATACLKC_LR
OUT
Complement clock of 0.75V push-pull differential SATA pair with integrated 33ohm
series resistor.
60
SATACLKT_LR
OUT
True clock of 0.75V push-pull differential SATA pair with integrated 33ohm series
resistor.
61
VDDSATA
PWR Supply for SATA clocks, 3.3V nominal
62
VDD25Mhz
PWR Power supply for 25MHz clocks, 3.3V nominal.
63
GND
PWR Ground pin.
64
25Mhz_0F_2x/Freerun*
I/O
2x strength 25MHz clock output, 3.3V (free running by default) / Latch input to select if
25Mhz_0 is freerunning or stoppable on power up default. Freerun = 1, 25Mhz_0 is
free running, Freerun = 0, 25Mhz_0 is stoppable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com