Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511EGLF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9LPRS511EGLF
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS511EGLF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9LPRS511EGLF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
I2C Table: PCIEX PLL Frequency Control Register
Byte 15
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
N Div2
N Divider Prog bit 2
RW
X
Bit 6
N Div1
N Divider Prog bit 1
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
I2C Table: PCIEX PLL Frequency Control Register (DOC0 = 0)
Byte 16
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
N Div10
RW
X
Bit 6
N Div9
RW
X
Bit 5
N Div8
RW
X
Bit 4
N Div7
RW
X
Bit 3
N Div6
RW
X
Bit 2
N Div5
RW
X
Bit 1
N Div4
RW
X
Bit 0
N Div3
RW
X
I2C Table: PCIEX PLL Spread Spectrum Control Register
Byte 17
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
SSP7
RW
X
Bit 6
SSP6
RW
X
Bit 5
SSP5
RW
X
Bit 4
SSP4
RW
X
Bit 3
SSP3
RW
X
Bit 2
SSP2
RW
X
Bit 1
SSP1
RW
X
Bit 0
SSP0
RW
X
I2C Table: PCIEX PLL Spread Spectrum Control Register
Byte 18
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
SSP15
RW
0
Bit 6
SSP14
RW
X
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
I2C Table: PCIEX PLL Frequency Select Register
Byte 19
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
Reserved
Reserved
RW
1
Bit 6
Reserved
Reserved
RW
0
Bit 5
Reserved
Reserved
RW
0
Bit 4
FS4
Freq Select Bit 4
RW
0
Bit 3
FS3
Freq Select Bit 3
RW
0
Bit 2
FSLC
Freq Select Bit 2
RW
Latch
Bit 1
FSLB
Freq Select Bit 1
RW
Latch
Bit 0
FSLA
Freq Select Bit 0
RW
Latch
-
M Divider Programming
bit (5:0)
1
-
N Divider Programming
Byte16 bit(7:0) and Byte15
bit(7:6)
The decimal representation of M and N Divider in Byte 15
and 16 will configure the PCIEX PLL VCO frequency. Default
at power up = latch-in or Byte 0 Rom table. VCO Frequency
= 14.318 x Ndiv(10:0)/Mdiv(5:0)
The decimal representation of M and N Divider in Byte 15
and 16 will configure the PCIEX PLL VCO frequency. Default
at power up = latch-in or Byte 0 Rom table. VCO Frequency
= 14.318 x Ndiv(10:0)/Mdiv(5:0)
See Table 2: PCIEX PLL Frequency Selection Table
Spread Spectrum
Programming bit(7:0)
1
0
-
--
0
01
These Spread Spectrum bits in Byte 17 and 18 will program
the spread percentage of PCIEX PLL
01
0
1
-
Spread Spectrum
Programming bit(14:8)
These Spread Spectrum bits in Byte 17 and 18 will program
the spread percentage of PCIEX PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com