Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511EGLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9LPRS511EGLF
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS511EGLF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9LPRS511EGLF Datasheet HTML 1Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137–09/05/08
Recommended Application:
Low Power CK505 Programmable clock
Output Features:
•
2 - 0.8V differential push-pull CPU pairs
•
1 - 25 MHz
•
5 - PCI (33MHz)
•
1 - USB, 48MHz
•
1 - 24/48MHz
•
1 - REF, 14.318MHz
•
8 - PCIEX 0.8V differential push-pull pairs
•
1 - PCIEX/DOT96MHz selectable pairs
•
1 - SATACLK differential pair
•
1 - 24.576MHz output
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
PCIEX outputs cycle-cycle jitter < 125ps
•
PCI outputs cycle-cycle jitter < 250ps
•
+/- 300ppm frequency accuracy on CPU & PCIEX clocks
Low Power Programmable Timing Control Hub™ for P4™ processor
Features/Benefits:
•
Programmable output frequencies
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Programmable watch dog safe frequency.
•
Supports tight ppm accuracy clocks for Serial-ATA
•
Supports spread spectrum modulation, ±0.25% center
spread.
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
•
Low Power differential outputs (50ohm resistor to GND
not needed)
•
Integrated 33
Ω series resistor on all differential
outputs
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
FunctionalityTable
Pin Configuration
**RLATCH 1
64 25Mhz_0F_2x/Freerun*
GND 2
63 GND
VDD 3
62 VDD25Mhz
**GSEL/24.576Mhz 4
61 VDDSATA
VDDPCI 5
60 SATACLKT_LR
GND 6
59 SATACLKC_LR
**DOC_1 7
58 GND
PCICLK0 8
57 REF0_2x/FSLC
PCICLK1_3x 9
56 GND
FSLB/PCICLK2_2x 10
55 X1
SELRSET/RESET#/PCICLK3 11
54 X2
PCICLK412
53VDDREF
**DOC_0 13
52 SDATA
VDD48 14
51 SCLK
FSLA/USB_48MHz 15
50 GND
*SEL24_48#/24_48Mhz 16
49 CPUT_LR0
GND 17
48 CPUC_LR0
Vtt_PwrGd/WOL_STOP# 18
47 VDDCPU
DOT96T_LR/PCIeT_LR0 19
46 CPUT_LR1
DOT96C_LR/PCIeC_LR0 20
45 CPUC_LR1
GND 21
44 VDDI/O
PCIeT_LR122
43GNDA
PCIeC_LR123
42VDDA
PCIeT_LR2 24
41 PCIeT_LR8
PCIeC_LR2 25
40 PCIeC_LR8
GND 26
39 PCIeT_LR7
PCIeT_LR3 27
38 PCIeC_LR7
PCIeC_LR328
37GND
PCIeT_LR4 29
36 PCIeT_LR6
PCIeC_LR4 30
35 PCIeC_LR6
GND 31
34 PCIeT_LR5
VDDPCIEX 32
33 PCIeC_LR5
64-Pin TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
RESET pin is 3.3V tolerant
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
PCIEX
PCI
SATA
FSLC
FSLB
FSLA
MHz
MHz
MHz
MHz
0
0
0
0
0
266.66
100.00
33.33
100.00
0
0
0
0
1
133.33
100.00
33.33
100.00
0
0
0
1
0
200.00
100.00
33.33
100.00
0
0
0
1
1
166.66
100.00
33.33
100.00
0
0
1
0
0
333.33
100.00
33.33
100.00
0
0
1
0
1
100.00
100.00
33.33
100.00
0
0
1
1
0
400.00
100.00
33.33
100.00
0
0
1
1
1
200.00
100.00
33.33
100.00
0
1
0
0
0
266.66
100.00
33.33
100.00
0
1
0
0
1
133.33
100.00
33.33
100.00
0
1
0
1
0
200.00
100.00
33.33
100.00
0
1
0
1
1
166.66
100.00
33.33
100.00
0
1
1
0
0
333.33
100.00
33.33
100.00
0
1
1
0
1
100.00
100.00
33.33
100.00
0
1
1
1
0
400.00
100.00
33.33
100.00
0
1
1
1
1
200.00
100.00
33.33
100.00
1
0
0
0
0
269.33
101.00
33.66
100.00
1
0
0
0
1
134.66
101.00
33.66
100.00
1
0
0
1
0
202.00
101.00
33.66
100.00
1
0
0
1
1
168.33
101.00
33.66
100.00
1
0
1
0
0
274.66
103.00
34.33
100.00
1
0
1
0
1
137.33
103.00
34.33
100.00
1
0
1
1
0
206.00
103.00
34.33
100.00
1
0
1
1
1
N/A
N/A
34.33
100.00
1
1
0
0
0
279.99
105.00
35.00
100.00
1
1
0
0
1
140.00
105.00
35.00
100.00
1
1
0
1
0
210.00
105.00
35.00
100.00
1
1
0
1
1
N/A
N/A
35.00
100.00
1
1
1
0
0
285.33
107.00
35.66
100.00
1
1
1
0
1
142.66
107.00
35.66
100.00
1
1
1
1
0
214.00
107.00
35.66
100.00
1
1
1
1
1
N/A
N/A
35.66
100.00


Similar Part No. - ICS9LPRS511EGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9LPRS511 RENESAS-ICS9LPRS511 Datasheet
504Kb / 20P
Low Power Programmable Timing Control Hub™ for P4™ processor
2019
ICS9LPRS511YGLF-T RENESAS-ICS9LPRS511YGLF-T Datasheet
504Kb / 20P
Low Power Programmable Timing Control Hub™ for P4™ processor
2019
More results

Similar Description - ICS9LPRS511EGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952004 ICST-ICS952004 Datasheet
173Kb / 10P
Programmable Timing Control Hub??for P4??processor
ICS951402 ICST-ICS951402 Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
ICS952003 ICST-ICS952003 Datasheet
198Kb / 18P
Programmable Timing Control Hub for P4??processor
ICS952011 ICST-ICS952011 Datasheet
170Kb / 25P
Programmable Timing Control Hub for P4 processor
ICS9LPR426A ICST-ICS9LPR426A Datasheet
298Kb / 21P
Low Power Programmable Timing Control Hub??for P4??processor
logo
Integrated Device Techn...
ICS952003 IDT-ICS952003 Datasheet
199Kb / 18P
Programmable Timing Control Hub??for P4??processor
9LPR363DGLF IDT-9LPR363DGLF Datasheet
60Kb / 1P
Low Power Programmable Timing Control Hub?? for P4??Processor
9LPRS511EGLF IDT-9LPRS511EGLF Datasheet
303Kb / 19P
Low Power Programmable Timing Control Hub??for P4??processor
logo
Renesas Technology Corp
9LPR363 RENESAS-9LPR363 Datasheet
287Kb / 21P
Low Power Programmable Timing Control Hub™ for P4™ processor
2019
ICS9LPRS511 RENESAS-ICS9LPRS511 Datasheet
504Kb / 20P
Low Power Programmable Timing Control Hub™ for P4™ processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com