Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511EGLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS9LPRS511EGLF
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS511EGLF Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS9LPRS511EGLF Datasheet HTML 1Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
General Description
ICS9LPRS511 follows the Intel CK505-compliant clock specification. This clock synthesizer provides a single chip solution for
next generation P4 Intel processors and Intel chipsets. ICS9LPRS511 is driven with a 14.318MHz crystal.
Fixed PLL
Frequency
Dividers
PLL
Array
Programmable
Frequency
Divider
Array
STOP
Logic
48MHz, USB
X1
X2
XTAL
SDATA
SCLK
FSLA
FSLB
FSLC
VttPwrgd/WOL_STOP#
Control
Logic
REF0
CPUCLKT (1:0)
CPUCLKC (1:0)
SATACLKT
SATACLKC
PCICLK (4:0)
PCIEXT(8:1)
DOTCLKT96/PCIEXT0
DOTCLKC96/PCIEXC0
PCIEXC(8:1)
25MHz
Reset#
DOC (1:0)
SEL24_48#
SELRSET
24_48MHz
RLATCH
GSEL
24.576MHz
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com