Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511EGLF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS9LPRS511EGLF
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS511EGLF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS9LPRS511EGLF Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
Table2: PCIEX PLL Frequency Selection Table
B19b4 B19b3 B19b2 B19b1 B19b0
PCIEX
(B21b7 = 0)
PCI
SATA (B21b6 = 0)
Spread
FSLC
FSLB
FSLA
MHz
MHz
MHz
%
0
0
0
0
0
100.00
33.33
100.00
0-0.5% Down
0
0
0
0
1
100.00
33.33
100.00
0-0.5% Down
0
0
0
1
0
100.00
33.33
100.00
0-0.5% Down
0
0
0
1
1
100.00
33.33
100.00
0-0.5% Down
0
0
1
0
0
100.00
33.33
100.00
0-0.5% Down
0
0
1
0
1
100.00
33.33
100.00
0-0.5% Down
0
0
1
1
0
100.00
33.33
100.00
0-0.5% Down
0
0
1
1
1
100.00
33.33
100.00
0-0.5% Down
0
1
0
0
0
100.00
33.33
100.00
+/-0.25% Center
0
1
0
0
1
100.00
33.33
100.00
+/-0.25% Center
0
1
0
1
0
100.00
33.33
100.00
+/-0.25% Center
0
1
0
1
1
100.00
33.33
100.00
+/-0.25% Center
0
1
1
0
0
100.00
33.33
100.00
+/-0.25% Center
0
1
1
0
1
100.00
33.33
100.00
+/-0.25% Center
0
1
1
1
0
100.00
33.33
100.00
+/-0.25% Center
0
1
1
1
1
100.00
33.33
100.00
+/-0.25% Center
1
0
0
0
0
101.00
33.66
101.00
+/- 0.3% Center
1
0
0
0
1
101.00
33.66
101.00
+/- 0.3% Center
1
0
0
1
0
101.00
33.66
101.00
+/- 0.3% Center
1
0
0
1
1
101.00
33.66
101.00
+/- 0.3% Center
1
0
1
0
0
103.00
34.33
103.00
+/- 0.3% Center
1
0
1
0
1
103.00
34.33
103.00
+/- 0.3% Center
1
0
1
1
0
103.00
34.33
103.00
+/- 0.3% Center
1
0
1
1
1
103.00
34.33
103.00
+/- 0.3% Center
1
1
0
0
0
105.00
35.00
105.00
+/- 0.3% Center
1
1
0
0
1
105.00
35.00
105.00
+/- 0.3% Center
1
1
0
1
0
105.00
35.00
105.00
+/- 0.3% Center
1
1
0
1
1
105.00
35.00
105.00
+/- 0.3% Center
1
1
1
0
0
107.00
35.66
107.00
+/- 0.3% Center
1
1
1
0
1
107.00
35.66
107.00
+/- 0.3% Center
1
1
1
1
0
107.00
35.66
107.00
+/- 0.3% Center
1
1
1
1
1
107.00
35.66
107.00
+/- 0.3% Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com