Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511EGLF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS9LPRS511EGLF
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS511EGLF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS9LPRS511EGLF Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
I2C Table: Frequency Select Register
Byte 0
Name
Control Function
Type
PWD
A/B
PWD
C/D/E/H/J
Bit 7
ROD
Reset on Demand
RW
0
0
Bit 6
PCIEX_SS
PCIEX PLL Spread Enable
RW
1
0
Bit 5
CPU_SS
CPU PLL Spread Enable
RW
1
1
Bit 4
FS4
Freq Select Bit 4
RW
0
0
Bit 3
FS3
Freq Select Bit 3
RW
0
0
Bit 2
FSLC
Freq Select Bit 2
RW
Latch
Latch
Bit 1
FSLB
Freq Select Bit 1
RW
Latch
Latch
Bit 0
FSLA
Freq Select Bit 0
RW
Latch
Latch
ON
OFF
ON
See Table 1: Frequency Selection Table
0
OFF
1
Disable
Enable
I2C Table: Frequency Select Register
Byte 1
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
SEL24_48
Select 24_48Mhz
RW
latch
Bit 6
I2c RB
Select I2c readback from
RW
1
Bit 5
SELRSET
Select RESET
RW
latch
Bit 4
PCIEX PLL MNEN
PCIEX PLL M/N Enable
RW
0
Bit 3
CPU PLL MNEN
CPU PLL M/N Enable
RW
0
Bit 2
25Mhz_0F
Free-running control
during WOL_STOP
RW
latch
Bit 1
Reserved
Reserved
RW
0
Bit 0
GSEL
GSEL selection
RW
latch
I2C Table: Output Control Register
Byte 2
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
USB_48Mhz
Output Control
RW
1
Bit 6
PCIEXT/C8
Output Control
RW
1
Bit 5
SATACLK
Output Control
RW
1
Bit 4
PCICLK5
Output Control
RW
1
Bit 3
PCICLK4
Output Control
RW
1
Bit 2
PCICLK3
Output Control
RW
1
Bit 1
PCICLK2
Output Control
RW
1
Bit 0
Reserved
Reserved
RW
1
I2C Table: Output Control Register
Byte 3
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
PCICLK1
Output Control
RW
1
Bit 6
PCICLK0
Output Control
RW
1
Bit 5
PCIEXT/C7
Output Control
RW
1
Bit 4
PCIEXT/C6
Output Control
RW
1
Bit 3
PCIEXT/C5
Output Control
RW
1
Bit 2
PCIEXT/C4
Output Control
RW
1
Bit 1
PCIEXT/C3
Output Control
RW
1
Bit 0
PCIEXT/C2
Output Control
RW
1
I2C Table: Output Control Register
Byte 4
Name
Control Function
PWD
A/B/C/D/E/H/J
Bit 7
PCIEXT/C1
Output Control
RW
1
Bit 6
REF0
Output Control
RW
1
Bit 5
CPUCLK1
Output Control
RW
1
Bit 4
CPUCLK0
Output Control
RW
1
Bit 3
24.576Mhz
Output Control
RW
1
Bit 2
Dot96Mhz/PCIEXT/C0
Output Control
RW
1
Bit 1
25Mhz_0F
Output Control
RW
1
Bit 0
Reserved
Reserved
RW
1
-
1
Shadow RAM
Active RAM
PCICLK4
24
Enable
Disable
Enable
Enable
Reset#
Disable
Disable
Disable
Disable
Disable
Enable
1
0
Disable
Enable
Enable
Enable
Enable
Disable
1
Disable
0
48
PCIEX0
Disable
Disable
Stoppable
-
Enable
Enable
Enable
Disable
Enable
Enable
0
Disable
Disable
Enable
Disable
Enable
-
Disable
01
Disable
Disable
DOT96Mhz
Disable
Enable
Enable
Disable
Enable
Enable
Free-running
-
Disable
Enable
-
Enable
Enable
Disable
Enable
Disable
Enable
Disable
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com