Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS511EGLF Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS9LPRS511EGLF
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS511EGLF Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS9LPRS511EGLF Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS511EGLF Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS9LPRS511
Advance Information
1137—09/05/08
I2C Table: Programmable output divider Register
Byte 29
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
CPUDiv3
RW
0000:/2
0100:/4
1000:/8
1100:/16
X
Bit 6
CPUDiv2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 5
CPUDiv1
RW
0010:/5
0110:/10
1010:/20
1110:/20
X
Bit 4
CPUDiv0
RW
0011:/7
0111:/14
1011:/28
1111:/56
X
Bit 3
PCIEXDiv3
RW
0000:/2
0100:/4
1000:/8
1100:/10
X
Bit 2
PCIEXDiv2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 1
PCIEXDiv1
RW
0010:/5
0110:/10
1010:/20
1110:/20
X
Bit 0
PCIEXDiv0
RW
0011:/7
0111:/14
1011:/28
1111:/56
X
I2C Table: Programmable output divider Register
Byte 30
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
PCIEXDiv3
RW
0000:/5
0100:/10
1000:/20
1100:/40
X
Bit 6
PCIEXDiv2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 5
PCIEXDiv1
RW
0010:/N/A
0110:/N/A
1010:/N/A
1110:/N/A
X
Bit 4
PCIEXDiv0
RW
0011:/N/A
0111:/N/A
1011:/N/A
1111:/N/A
X
Bit 3
PCIDiv3
RW
0000:/N/A
0100:/N/A
1000:/N/A
1100:/N/A
X
Bit 2
PCIDiv2
RW
0001:/3
0101:/6
1001:/12
1101:/24
X
Bit 1
PCIDiv1
RW
0010:/9
0110:/18
1010:/36
1110:/72
X
Bit 0
PCIDiv0
RW
0011:/N/A
0111:/N/A
1011:/N/A
1111:/N/A
X
I2C Table: Strength Control Register
Byte 31
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
25Str_1
RW
1
Bit 6
25Str_0
RW
1
Bit 5
REFStr_1
RW
1
Bit 4
REFStr_0
RW
1
Bit 3
PCIStr_1
RW
0
Bit 2
PCIStr_0
RW
1
Bit 1
PCIStr_1
RW
1
Bit 0
PCIStr_0
RW
1
I2C Table: Skew programming Register
Byte 32
Name
Control Function
Type
PWD
A/B/C/D/E/H/J
Bit 7
CPUSkw3
RW
0000:0
0100:400
1000:800
1100:1200
0
Bit 6
CPUSkw2
RW
0001:100
0101:500
1001:900
1101:1300
0
Bit 5
CPUSkw1
RW
0010:200
0110:600
1010:1000
1110:1400
0
Bit 4
CPUSkw0
RW
0011:300
0111:700
1011:1100
1111:1500
0
Bit 3
CPUSkw3
RW
0000:0
0100:400
1000:800
1100:1200
0
Bit 2
CPUSkw2
RW
0001:100
0101:500
1001:900
1101:1300
0
Bit 1
CPUSkw1
RW
0010:200
0110:600
1010:1000
1110:1400
0
Bit 0
CPUSkw0
RW
0011:300
0111:700
1011:1100
1111:1500
0
CPUCLK1 Skew Control
(ps)
CPU Divider Ratio
Programming Bits
PCIEX Divider Ratio
Programming Bits for CPU
PLL
PCIEX Divider Ratio
Programming Bits for
PCIEX PLL
PCI Divider Ratio
Programming Bits
CPUCLK0 Skew Control
(ps)
REFCLK0 Strength Control
PCICLK1 Strength Control
PCICLK2 Strength Control
25Mhz_0 Strength Control
1
0
01
01
01
00 = tristated
Bytes 27 and 28 are reserved
10 = 1.00x
01 = 0.1x
11 = 2.00x
00 = tristated
10 = 1.00x
00 = tristated
10 = 1.00x
01 = 0.1x
11 = 2.00x
01 = 0.1x
11 = 2.00x
01 = 2.00x
11 = 3.00x
00 = tristated
10 = 1.00x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com