Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3613 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB3613 Datasheet HTML 14Page - SMSC Corporation USB3613 Datasheet HTML 15Page - SMSC Corporation USB3613 Datasheet HTML 16Page - SMSC Corporation USB3613 Datasheet HTML 17Page - SMSC Corporation USB3613 Datasheet HTML 18Page - SMSC Corporation USB3613 Datasheet HTML 19Page - SMSC Corporation USB3613 Datasheet HTML 20Page - SMSC Corporation USB3613 Datasheet HTML 21Page - SMSC Corporation USB3613 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
Revision 1.0 (06-17-13)
18
SMSC USB3613
DATASHEET
4.2.2.2
3.3V + 1.8V
VBAT must be tied to the 3.3V system supply. VDDCOREREG must be tied to the 1.8V system supply.
In this configuration the 3.3V regulator will operate in dropout mode and the 1.2V regulator will be
active.
4.3
Power Connection Diagrams
Figure 4.1 illustrates the power connections for the USB3613 with various power supply configurations.
Figure 4.1 Power Connections
HSIC
3.3V Regulator
(IN)
(OUT)
VBAT
VBAT/+3.3V
Supply
1.2V
Core Logic
3.3V I/O
USB3613
Single Supply Application
1.2V Regulator
(IN)
(OUT)
3.3V Internal
Logic
VDD33
1.0uF
VDDCOREREG
VDDCR12
1.0uF
HSIC
3.3V Regulator
(IN)
(OUT)
VBAT
+3.3V
Supply
1.2V
Core Logic
3.3V I/O
USB3613
Dual Supply Application (3.3V & 1.8V)
1.2V Regulator
(IN)
(OUT)
3.3V Internal
Logic
VDD33
1.0uF
VDDCOREREG
VDDCR12
1.0uF
+1.8V
Supply
GND
4.7uF
GND
4.7uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com