Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 41 Page - SMSC Corporation

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3613 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button USB3613 Datasheet HTML 37Page - SMSC Corporation USB3613 Datasheet HTML 38Page - SMSC Corporation USB3613 Datasheet HTML 39Page - SMSC Corporation USB3613 Datasheet HTML 40Page - SMSC Corporation USB3613 Datasheet HTML 41Page - SMSC Corporation USB3613 Datasheet HTML 42Page - SMSC Corporation USB3613 Datasheet HTML 43Page - SMSC Corporation USB3613 Datasheet HTML 44Page - SMSC Corporation USB3613 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3613
41
Revision 1.0 (06-17-13)
DATASHEET
Note: Refer to Section 8.9, "Interrupt Output (INT_N)," on page 56 for additional information on the
INT_N interrupt.
Table 7.9 Upstream Battery Charger Mode Register
BC_CHG_MODE
(0x30EC - RESET= 0x14
UPSTREAM BATTERY CHARGER MODE
BIT
NAME
R/W
DESCRIPTION
7:6
Reserved
R
Reserved
5
HoldVdat
R/W
Dead Battery Vdat Detect voltage source enable
0: The charger detection state machine will turn off the Vdat Source at the
end of the charger detection routine.
1: The charger detection state machine leave Vdat Source on during
Hub.Connect stage when a SDP has been detected.
4
Reserved
R
Reserved
3
SE1ChrgDet
R/W
Apple type charger detection control
0: The charger detection routine will not look for the attachment of an
Apple type charger.
1: The charger detection routine will look for the attachment of an Apple
type charger.
2
EnhancedChrgDet
R/W
Enhanced charge detect control
0: The charger detection routine will not reverse Vdat SRC to differentiate
between a CDP and a DCP.
1: The charger detection routine will reverse Vdat SRC to differentiate
between a CDP and a DCP.
1:0
Reserved
R
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com