Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 44 Page - SMSC Corporation

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3613 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button USB3613 Datasheet HTML 40Page - SMSC Corporation USB3613 Datasheet HTML 41Page - SMSC Corporation USB3613 Datasheet HTML 42Page - SMSC Corporation USB3613 Datasheet HTML 43Page - SMSC Corporation USB3613 Datasheet HTML 44Page - SMSC Corporation USB3613 Datasheet HTML 45Page - SMSC Corporation USB3613 Datasheet HTML 46Page - SMSC Corporation USB3613 Datasheet HTML 47Page - SMSC Corporation USB3613 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
Revision 1.0 (06-17-13)
44
SMSC USB3613
DATASHEET
Table 7.13 Connect Configuration Register
CONNECT_CFG
(0x318E- RESET=0x00)
CONNECT CONFIGURATION REGISTER
BIT
NAME
R/W
DESCRIPTION
7:2
Reserved
R
Reserved
1
EN_FLEX_MODE
R/W
Flex Connect mode enable
0: Flex Connect mode is disabled. (Normal hub operation)
1: Flex Connect mode is enabled
0
FLEXCONNECT
R/W
FlexConnect Control. When asserted the device changes its hub
connections so that the Swap port (Physical Port 1) changes from it’s
default behavior of a downstream port to an upstream port. The Flex
Port (Physical port 0) transitions from an upstream port to a
downstream port.
‘0’ -
Flex Port = Upstream (Port 0)
Swap Port= Downstream (Port 1)
‘1’ -
Flex Port= Downstream (Port 1)
Swap Port= Upstream (Port 0)
This setting can be used to select whether the Flex Port is an upstream
or downstream port.
Another application for this setting is to allow a dual-role device on the
Swap Port to assume a host role and communicate directly with other
downstream hub ports, or to communicate through the Flex Port to a
exposed connector to an external device.
If a “private” communication channel is desired between embedded
devices, any externally exposed ports should be disabled.
Note: All port-specific settings such as VSNS, prtSp, sDiscon are
specific to the logic port 0, 1, 2, 3. When FLEXCONNECT is asserted,
these settings affect the newly assigned physical pins and PHY. Any
settings which are specific to the physical Flex Port and Swap Port
such as battery charger detection do not change with the setting of
FLEXCONNECT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com