Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 24 Page - SMSC Corporation

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3613 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button USB3613 Datasheet HTML 20Page - SMSC Corporation USB3613 Datasheet HTML 21Page - SMSC Corporation USB3613 Datasheet HTML 22Page - SMSC Corporation USB3613 Datasheet HTML 23Page - SMSC Corporation USB3613 Datasheet HTML 24Page - SMSC Corporation USB3613 Datasheet HTML 25Page - SMSC Corporation USB3613 Datasheet HTML 26Page - SMSC Corporation USB3613 Datasheet HTML 27Page - SMSC Corporation USB3613 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
Revision 1.0 (06-17-13)
24
SMSC USB3613
DATASHEET
Chapter 6 Device Configuration
The device supports a large number of features (some mutually exclusive), and must be configured in
order to correctly function when attached to a USB host controller. The hub can be configured either
internally or externally depending on the implemented interface.
SMSC provides a comprehensive software programming tool, Pro-Touch, for configuring the USB3613
functions, registers and OTP memory. All configuration is to be performed via the Pro-Touch
programming tool. For additional information on the Pro-Touch programming tool, contact your local
SMSC sales representative.
6.1
Configuration Method Selection
The hub will interface to external memory depending on the configuration of the device pins associated
with each interface type. The device will first check whether an external SPI ROM is present. If present,
the device will operate entirely from the external ROM. When an external SPI ROM is not present, the
device will check whether the SMBus is configured. When the SMBus is enabled, it can be used to
configure the internal device registers via the XDATA address space, or to program the internal OTP
memory. If no external options are detected, the device will operate using the internal default and
configuration strap settings. The order in which device configuration is attempted is summarized below:
1. SPI (Reading the configuration from an SPI ROM)
2. SMBus (either writing the configuration registers in the XDATA address space, or to OTP)
3. Internal default settings (with or without configuration strap over-rides)
Note: Refer to Chapter 7, "Device Interfaces," on page 28 for detailed information on each device
configuration interface.
6.2
Customer Accessible Functions
The following USB or SMBus accessible functions are available to the customer via the SMSC Pro-
Touch Programming Tool.
Note: For additional programming details, refer to the SMSC Pro-Touch Programming Tool User
Manual.
6.2.1
USB Accessible Functions
6.2.1.1
VSM commands over USB
By default, Vendor Specific Messaging (VSM) commands to the hub are enabled. The supported
commands are:
Enable Embedded Controller
Disable Embedded Controller
Enable Special Resume
Disable Special Resume
Reset Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com