Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 40 Page - SMSC Corporation

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3613 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button USB3613 Datasheet HTML 36Page - SMSC Corporation USB3613 Datasheet HTML 37Page - SMSC Corporation USB3613 Datasheet HTML 38Page - SMSC Corporation USB3613 Datasheet HTML 39Page - SMSC Corporation USB3613 Datasheet HTML 40Page - SMSC Corporation USB3613 Datasheet HTML 41Page - SMSC Corporation USB3613 Datasheet HTML 42Page - SMSC Corporation USB3613 Datasheet HTML 43Page - SMSC Corporation USB3613 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
Revision 1.0 (06-17-13)
40
SMSC USB3613
DATASHEET
Note: Refer to Section 8.9, "Interrupt Output (INT_N)," on page 56 for additional information on the
INT_N interrupt.
Table 7.8 Serial Port Interrupt Mask Register
2
PrtPwrInt
R/W
Read:
0: Port Power Status Register has not been updated since last PrtPwrInt
reset
1: Port Power Status Register has been updated
Write:
0: Negate PrtPwrInt status low
1: No Effect
1
ChrgDetInt
R/W
Read:
0: Charge detect has not been updated since last ChrgDetInt reset
1: Charge detect as been updated
Write:
0: Negate ChrgDetInt status low
1: No Effect
0
ChrgDetCompInt
R/W
Read:
0: Charge detection not completed since last ChrgDetCompInt reset
1: Charge detection completed
Write:
0: Negate ChrgDetCompInt status low
1: No Effect
SP_INT_MSK
(0x30E9 - RESET= 0x02)
SERIAL PORT INTERRUPT MASK
BIT
NAME
R/W
DESCRIPTION
7:5
Reserved
R
Reserved
4
HubSuspMask
R/W
0 = INT_N pin is not affected by Hub entering suspend
1 = INT_N pin is asserted when Hub enters suspend
3
HubCfgMask
R/W
0 = INT_N pin is not affected by Hub configuration event
1 = INT_N pin is asserted when Hub configured by USB Host
2
PrtPwrMask
R/W
0 = INT_N pin is not affected by Port Power register
1 = INT_N pin is asserted when Port Power register has been updated by
USB Host
1
ChrgDetMask
R/W
0 = INT_N pin is not affected by CHG_DET_N
1 = INT_N pin is asserted when CHG_DET bit in Charger Detect Register
is asserted
0
ChgDetCompMask
R/W
0 = INT_N pin is not affected by ChrgDetComplete
1 = INT_N pin is asserted when ChrgDetComplete bit in Charger Detect
Register is asserted high
Table 7.7 Serial Port Interrupt Status Register (continued)
SP_INT_STATUS
(0x30E8 - RESET= 0x00)
SERIAL PORT INTERRUPT STATUS
BIT
NAME
R/W
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com