Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3613 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB3613 Datasheet HTML 35Page - SMSC Corporation USB3613 Datasheet HTML 36Page - SMSC Corporation USB3613 Datasheet HTML 37Page - SMSC Corporation USB3613 Datasheet HTML 38Page - SMSC Corporation USB3613 Datasheet HTML 39Page - SMSC Corporation USB3613 Datasheet HTML 40Page - SMSC Corporation USB3613 Datasheet HTML 41Page - SMSC Corporation USB3613 Datasheet HTML 42Page - SMSC Corporation USB3613 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3613
39
Revision 1.0 (06-17-13)
DATASHEET
Table 7.6 OCS Status Register
OCS_STAT
(0x30E6 - RESET= 0x00)
PORT POWER STATUS
BIT
NAME
R/W
DESCRIPTION
7:5
Reserved
R
Reserved
4:1
OCS[4:1]
R
Optional control from SOC that indicates an over-current condition on the
corresponding port for HUB status reporting to USB host. Also resets
corresponding PRTPWR status bit in the Port Power Status Register. Not
required for an embedded application.
0: No Over Current Condition
1: Over Current Condition
0
Reserved
R
Reserved
Table 7.7 Serial Port Interrupt Status Register
SP_INT_STATUS
(0x30E8 - RESET= 0x00)
SERIAL PORT INTERRUPT STATUS
BIT
NAME
R/W
DESCRIPTION
7
Interrupt
R/W
Read:
0: INT_N pin has not been asserted low due to unmasked interrupt
1: INT_N pin has been asserted low due to unmasked interrupt
Write:
0: Negate INT_N pin high
1: No Effect – INT_N pin and register retains its current value
6:5
Reserved
R
Reserved
4
HubSuspInt
R/W
Read:
0: Hub has not entered USB suspend since last HubSuspInt reset
1: Hub has entered USB suspend
Write:
0: Negate HubSuspInt status low
1: No Effect
3
HubCfgInt
R/W
Read:
0: Hub has not been configured by the USB Host since last HubConfInt
reset
1: Hub has been configured by the USB host
Write:
0: Negate HubConfInt status low
1: No Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com