Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3613 Datasheet(PDF) 38 Page - SMSC Corporation

Part # USB3613
Description  USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3613 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button USB3613 Datasheet HTML 34Page - SMSC Corporation USB3613 Datasheet HTML 35Page - SMSC Corporation USB3613 Datasheet HTML 36Page - SMSC Corporation USB3613 Datasheet HTML 37Page - SMSC Corporation USB3613 Datasheet HTML 38Page - SMSC Corporation USB3613 Datasheet HTML 39Page - SMSC Corporation USB3613 Datasheet HTML 40Page - SMSC Corporation USB3613 Datasheet HTML 41Page - SMSC Corporation USB3613 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
Datasheet
Revision 1.0 (06-17-13)
38
SMSC USB3613
DATASHEET
Table 7.4 Upstream Custom Battery Charger Status Register
Table 7.5 Port Power Status Register
0
SeRxEn
R/W
Single-ended receiver control
0: Single-ended receiver disabled
1: Single-ended receiver enabled
UP_CUST_BC_STAT
(0x30E4 - RESET= 0x00)
UPSTREAM CUSTOM BATTERY CHARGING STATUS
BIT
NAME
R/W
DESCRIPTION
7:4
Reserved
R
Reserved
3
RxHiCurr
R
DM high current Apple charger output
0: DM signal is not above the VSE_RXH threshold
1: DM signal is above the VSE_RXH threshold
2
DmSeRx
R
DM Single Ended Receiver Status
1
DpSeRx
R
DP Single Ended Receiver Status
0
VdatDet
R
Vdat detect
0: Vdat not detected
1: Vdat detect comparator output
PORT_PWR_STAT
(0x30E5 - RESET= 0x00)
PORT POWER STATUS
BIT
NAME
R/W
DESCRIPTION
7:5
Reserved
R
Reserved
4:1
PRTPWR[4:1]
R
Optional status to SOC indicating that power to the corresponding
downstream port was enabled by the USB Host for the specified port. Not
required for an embedded application.
This is a read-only status bit. Actual control over port power is
implemented by the USB Host, OCS Status Register and Downstream
Battery Charging logic, if enabled.
0: USB Host has not enabled port to be powered or in downstream battery
charging and corresponding OCS bit has been set
1: USB Host has enabled port to be powered
0
Reserved
R
Reserved
Table 7.3 Upstream Custom Battery Charger Control Register (continued)
UP_CUST_BC_CTL
(0x30E3 - RESET= 0x00)
UPSTREAM CUSTOM BATTERY CHARGING CONTROL
BIT
NAME
R/W
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com