Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603SFP300F Datasheet(PDF) 7 Page - Tyco Electronics

Part # 0603SFP300F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFP300F Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 0603SFP300F Datasheet HTML 3Page - Tyco Electronics 0603SFP300F Datasheet HTML 4Page - Tyco Electronics 0603SFP300F Datasheet HTML 5Page - Tyco Electronics 0603SFP300F Datasheet HTML 6Page - Tyco Electronics 0603SFP300F Datasheet HTML 7Page - Tyco Electronics 0603SFP300F Datasheet HTML 8Page - Tyco Electronics 0603SFP300F Datasheet HTML 9Page - Tyco Electronics 0603SFP300F Datasheet HTML 10Page - Tyco Electronics 0603SFP300F Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
81
11
Very Fast-acting chip fuses help provide overcurrent
protection on systems using DC power sources up to
32V
DC. The fuse’s monolithic, multilayer design provides
the highest hold current in the smallest footprint,
reduces
diffusion-related
aging,
improves
product
reliability and resilience, and enhances high-temperature
performance in a wide range of circuit designs.
These RoHS-compliant surface-mount devices offer
strong arc suppression characteristics and facilitate the
development
of
more
reliable,
high
performance
consumer
electronics
such
as
laptops,
multimedia
devices, cell phones, and other portable electronics.
• Very fast acting at 200% and 300% overloads
• Excellent inrush current withstanding capability at
high overloads
• Thin body for space limiting applications
• Glass ceramic monolithic structure
• Silver fusing element and silver termination with
nickel and tin plating
• RoHS compliant and lead-free materials
• Symmetrical design with marking on both sides
(optional)
• Lead free materials and RoHS compliant
• Halogen free
(refers to: Br
900ppm, Cl
900ppm, Br+Cl
1500ppm)
• Monolithic, multilayer design
• High-temperature performance
• -55°C to +125°C operating temperature range
• Laptops
• Digital cameras
• Cell phones
Benefits
Features
Applications
• Printers
• DVD players
• Portable electronics
• Game systems
• LCD monitors
• Scanners
Surface-mount Fuses
0603 Very Fast-Acting Chip Fuses
NEW
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
W
W
W
W
W
W
W
W
W
W
W
W
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com