Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603SFP300F Datasheet(PDF) 3 Page - Tyco Electronics

Part # 0603SFP300F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFP300F Datasheet(HTML) 3 Page - Tyco Electronics

  0603SFP300F Datasheet HTML 1Page - Tyco Electronics 0603SFP300F Datasheet HTML 2Page - Tyco Electronics 0603SFP300F Datasheet HTML 3Page - Tyco Electronics 0603SFP300F Datasheet HTML 4Page - Tyco Electronics 0603SFP300F Datasheet HTML 5Page - Tyco Electronics 0603SFP300F Datasheet HTML 6Page - Tyco Electronics 0603SFP300F Datasheet HTML 7Page - Tyco Electronics 0603SFP300F Datasheet HTML 8Page - Tyco Electronics 0603SFP300F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
77
11
Pulse
Tolerant
chip
fuses
has
high
inrush
current
withstand capability and provide overcurrent protection
on DC power systems. Silver fusing element, monolithic
and multilayer design provides strong arc suppression
characteristics.
These RoHS-compliant surface-mount devices facilitate
the development of more reliable, high performance
consumer
electronics
such
as
laptops,
multimedia
devices, cell phones, and other portable electronics.
• High inrush current withstanding capability
• Ceramic Monolithic structure
• Silver fusing element and silver termination with
nickel and tin plating
• Excellent temperature stability
• Strong arc suppression characteristics
• Lead free materials and RoHS compliant
• Halogen free
(refers to: Br
900ppm, Cl
900ppm, Br+Cl
1500ppm)
• Monolithic, multilayer design
• High-temperature performance
• -55°C to +125°C operating temperature range
• Laptops
• Digital cameras
• Cell phones
Benefits
Features
Applications
• Printers
• DVD players
• Portable electronics
• Game systems
• LCD monitors
• Scanners
Surface-mount Fuses
Pulse Tolerant Chip Fuses
NEW
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
W
W
W
W
W
W
W
W
W
W
W
W
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com